Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 102 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9547 Datasheet HTML 98Page - Analog Devices AD9547 Datasheet HTML 99Page - Analog Devices AD9547 Datasheet HTML 100Page - Analog Devices AD9547 Datasheet HTML 101Page - Analog Devices AD9547 Datasheet HTML 102Page - Analog Devices AD9547 Datasheet HTML 103Page - Analog Devices AD9547 Datasheet HTML 104Page - Analog Devices AD9547 Datasheet HTML 105Page - Analog Devices AD9547 Datasheet HTML 106Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
AD9547
Data Sheet
Rev. G | Page 102 of 106
APPLICATIONS INFORMATION
POWER SUPPLY PARTITIONS
The AD9547 features multiple power supplies, and their power
consumption varies with the AD9547 configuration. This section
provides information about which power supplies can be grouped
together and how the power consumption of each block varies
with frequency.
The numbers quoted in this section are for comparison only. Refer
to the Specifications section for exact numbers. With each group,
bypass capacitors of 1 μF in parallel with 10 μF should be used.
Upon applying power to the device, internal circuitry monitors
the 1.8 V digital core supply and the 3.3 V digital I/O supply.
When these supplies cross the desired threshold level, the device
generates an internal 10 μs reset pulse. This pulse does not appear
on the RESET pin.
3.3 V Supplies
The 3.3 V supply domain consists of two main partitions: digital
(DVDD3) and analog (AVDD3). These two supply domains
must be kept separate.
Furthermore, the AVDD3 consists of two subdomains: the clock
distribution output domain (Pin 25, Pin 31) and the rest of the
AVDD3 supply connections. Generally, the AVDD3 supply
domains can be joined together. However, if an application
requires 1.8 V CMOS driver operation in the clock distribution
output block, provide one 1.8 V supply domain to power the
clock distribution output block. Each output driver has a
dedicated supply pin, as shown in Table 160.
Table 160. Output Driver Supply Pins
Output Driver
Supply Pin
OUT0
25
OUT1
31
1.8 V Supplies
The 1.8 V supply domain consists of two main partitions: digital
(DVDD) and analog (AVDD). These two supply domains must
be kept separate.
THERMAL PERFORMANCE
The AD9547 is specified for a case temperature (TCASE). To ensure
that TCASE is not exceeded, an airflow source can be used. Use the
following equation to determine the junction temperature on
the application PCB:
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature in degrees Celsius (°C).
TCASE is the case temperature in degrees Celsius (°C) measured
by the customer at the top center of the package.
ΨJT is the value that is indicated in Table 161.
PD is the power dissipation (see the Power Dissipation section).
Values of θJA are provided for package comparison and PCB design
considerations. θJA can be used for a first-order approximation of TJ
using the following equation:
TJ = TA + (θJA × PD)
where TA is the ambient temperature in degrees Celsius (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of θJB are provided for package comparison and PCB
design considerations.
Table 161. Thermal Parameters for the AD9547 64-Lead LFCSP Package
Symbol
Thermal Characteristic Using a JEDEC51-7 Plus JEDEC51-5 2S2P Test Board1
Value2
Unit
θJA
Junction-to-ambient thermal resistance, 0.0 m/sec air flow per JEDEC JESD51-2 (still air)
21.7
°C/W
θJMA
Junction-to-ambient thermal resistance, 1.0 m/sec air flow per JEDEC JESD51-6 (moving air)
18.9
°C/W
θJMA
Junction-to-ambient thermal resistance, 2.5 m/sec air flow per JEDEC JESD51-6 (moving air)
16.9
°C/W
θJB
Junction-to-board thermal resistance, per JEDEC JESD51-8 (still air)
11.3
°C/W
θJC
Junction-to-case thermal resistance
1.2
°C/W
ΨJT
Junction-to-top-of-package characterization parameter, 0 m/sec airflow per JEDEC JESD51-2 (still air)
0.1
°C/W
1 The exposed pad on the bottom of the package must be soldered to ground to achieve the specified thermal performance.
2 Results are from simulations. The PCB is a JEDEC multilayer type. Thermal performance for actual applications requires careful inspection of the conditions in the
application to determine whether they are similar to those assumed in these calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com