Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 105 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9547 Datasheet HTML 98Page - Analog Devices AD9547 Datasheet HTML 99Page - Analog Devices AD9547 Datasheet HTML 100Page - Analog Devices AD9547 Datasheet HTML 101Page - Analog Devices AD9547 Datasheet HTML 102Page - Analog Devices AD9547 Datasheet HTML 103Page - Analog Devices AD9547 Datasheet HTML 104Page - Analog Devices AD9547 Datasheet HTML 105Page - Analog Devices AD9547 Datasheet HTML 106Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
Data Sheet
AD9547
Calculation of the β Register Values
The quantized β coefficient consists of two components, β0 and
β1, according to
−β ≈ βquantized = β0 × 2−(17 + β1)
where β0 and β1 are the register values.
Calculation of β1 is a two-step process that leads to the
calculation of β0, which is also a two-step process.
x = −ceil(log2( β ))
β1 = min[31, max(0, x)]
y = round( β × 217 + β1)
β0 = min[131071, max(1, y)]
Using the example value of −β = 6.98672 × 10−5 yields
x = 13, so β1 = 13
y = 75019.3347657728, so β0 = 75019
This leads to the following quantized value, which is very close
to the desired value of 6.98672 × 10−5:
βquantized = 75019 × 2−30 ≈ 6.986688823 × 10−5
Calculation of the γ Register Values
The quantized γ coefficient consists of two components, γ0 and
γ1, according to
−γ ≈ γquantized = γ0 × 2−(17 + γ1)
where γ0 and γ1 are the register values.
Calculation of γ1 is a two-step process that leads to the
calculation of γ0, which is also a two-step process.
x = −ceil(log2( γ ))
y1 = min[31, max(0, x)]
y = round( γ × 217 + γ1)
γ0 = min[131071, max(1, y)]
Using the example value of –γ = 7.50373 × 10−5 yields
x = 13, so γ1 = 13
y = 80570.6873700352, so γ0 = 80571
This leads to the following quantized value, which is very close
to the desired value of 7.50373 × 10−5:
γquantized = 80571 × 2−30 ≈ 7.503759116 × 10−5
Calculation of the δ Register Values
The quantized δ coefficient consists of two components, δ0 and
δ1, according to
δ ≈ δquantized = δ0 × 2−(15 + δ1)
where δ0 and δ1 are the register values.
Calculation of δ1 is a two-step process that leads to the
calculation of δ0, which is also a two-step process.
x = −ceil(log2(δ))
δ1 = min[31, max(0, x)]
y = round(δ × 215 + δ1)
δ0 = min[32767, max(1, y)]
Using the example value of δ = 0.002015399, the preceding
formulas yield
x = 8, so δ1 = 8
y = 16906.392174592, so δ0 = 16906
This leads to the following quantized value, which is very close
to the desired value of 0.002015399:
δquantized = 16906 × 2−23 ≈ 0.002015352249
Rev. G | Page 105 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com