Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5086 Datasheet HTML 1Page - Texas Instruments TAS5086 Datasheet HTML 2Page - Texas Instruments TAS5086 Datasheet HTML 3Page - Texas Instruments TAS5086 Datasheet HTML 4Page - Texas Instruments TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TAS5086
SLES131 – FEBRUARY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Digital supply voltage
DVDD
3
3.3
3.6
V
Analog supply voltage
AVDD
3
3.3
3.6
V
VIH
High-level input voltage
3.3-V TTL, 5-V tolerant
2
V
VIL
Low-level input voltage
3.3-V TTL, 5-V tolerant
0.8
V
TA
Operating ambient air temperature range
0
25
70
°C
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
3.3-V TTL and 5-V(1) tolerant
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL and 5 V(1) tolerant
IOL = 4 mA
0.5
V
IOZ
High-impedance output current
3.3-V TTL
±20
µA
3.3-V TTL
VI = VIL
±1
IIL
Low-level input current
µA
5 V tolerant
VI = 0 V, DVDD = 3 V
±1
3.3-V TTL
VI = VIH
±1
IIH
High-level input current
µA
5 V tolerant
VI = 5.5 V, DVDD = 3 V
±20
Fs = 48 kHz
140
Fs = 96 kHz
150
Digital supply voltage, DVDD
mA
Fs = 192 kHz
155
IDD
Input supply current
Power down
8
Normal
20
Analog supply voltage, AVDD
mA
Power down
2
(1)
5-V tolerant outputs are SCL and SDA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com