Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5086 Datasheet HTML 1Page - Texas Instruments TAS5086 Datasheet HTML 2Page - Texas Instruments TAS5086 Datasheet HTML 3Page - Texas Instruments TAS5086 Datasheet HTML 4Page - Texas Instruments TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
FEATURES
DESCRIPTION
TAS5086
SLES131 – FEBRUARY 2005
PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
– 20 – 20 kHz Flat Noise Floor for 44.1, 48,
88.2, 96, 176.4 and 192 kHz Data Rates
•
Audio Input/Output
– Digital De-emphasis for 32 kHz, 44.1 kHz
– Automatic Master Clock Rate and Data
and 48 kHz Data Rates
Sample Rate Detection
– Intelligent AM Interference Avoidance
– Four Serial Audio Inputs (Eight Channels)
System Provides Clear AM Reception
– Support for 32, 44.1, 48, 88.2, 96, 176.4, and
– Adjustable Modulation Limit From 93.8% to
192-kHz Sampling Rates
99.2%
– Data Formats: 16-, 20-, or 24-Bit Input Data
•
General Features
Left, Right, and I
2S,
– Automated Operation With Easy to Use
– 64 or 48
× Fs Bit Clock Rate
Control Interface
– 128, 192, 256, 384, and 512
× Fs Master
– I
2C Serial Control Slave Interface
Clock Rates (Up to a Maximum of 50 MHz)
– Control Interface Operational Without MCLK
– Six PWM Audio Output Channels
– Single 3.3-V Power Supply
– Any Output Channel Can be Mapped to Any
Output Pin
– 38-Pin TSSOP Package
– Support Single-Ended and Bridge Tied Load
– I
2S Serial Audio Output
The TAS5086 is a six channel digital pulse width
•
Audio Processing
modulator (PWM) that provides both advanced per-
– Volume Control Range +48 dB to – 100 dB
formance and a high level of system integration.
– Master Volume Control +24 dB to –100 dB in
TAS5086 is designed to interface seamlessly with
0.5 dB Increments
most audio digital signal processors and MPEG
decoders accepting a wide range of input data and
– Eight Individual Channel Volume Controls
clock formats.
With +24 dB to –100 dB Attenuation in 0.5
dB Increments
The TAS5086 drives six channels of speakers in
either single-ended or bridge tied load configurations
– Serial Output Can be Produced by
that accept a 1N+1 interface format. TAS5086 also
Down-Mix of 5.1 Channel Input or 4
th Serial
supports 2N+1 power stages with the use of some
Input
external logic (e.g. TAS5112). Stereo line out in I
2S
– 5.1 Channel Down Mix to 2.1 or 3.1 PWM
format is available with either a pass-through signal
Output Speaker System
(SDIN4) or an internal down mix.
– Integrated Bass Management
TAS5086 uses AD modulation operating at a 384-kHz
– Two Programmable Biquads in Subwoofer
switching rate for 32-, 44.1-, 48-, 88.2-, 96-, 176.4-,
Channel
and 192-kHz data. The 8 x over sampling combined
with the 4th order noise shaper provides a broad flat
– Full Six Channel Input and Output Mapping
noise floor and excellent dynamic range from 20 Hz
– Selectable DC Blocking Filters
to 20 kHz.
•
PWM Processing
TAS5086 is clock slave only device. TAS5086 re-
– 8x Over Sampling With 4
th Order Noise
ceives MCLK, SCLK and LRCLK from other system
Shaping at 44.1–48 kHz, 4x Over Sampling
components. TAS5086 accepts master clock rates of
at 88.2, 96 kHz, 2x Over Sampling at 176.4,
128, 192, 256, 384, and 512 Fs. TAS5086 accepts a
192 kHz, and 12x Over Sampling at 32 kHz
64 Fs master clock for 176.4-kHz and 192-kHz data.
–
≥105-dB Dynamic Range
(TAS5086+TAS5186)
– THD < 0.06% (TAS5086 Only)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PurePath Digital is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI2-TAS5086 Datasheet
780Kb / 51P
PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
REVISED JUNE 2008
TAS5086DBT TI-TAS5086DBT Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBT TI1-TAS5086DBT Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results

Similar Description - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036A TI-TAS5036A_06 Datasheet
778Kb / 62P
Six Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B_06 Datasheet
823Kb / 58P
Six Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
Six-Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com