Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 18Page - Texas Instruments TAS5086 Datasheet HTML 19Page - Texas Instruments TAS5086 Datasheet HTML 20Page - Texas Instruments TAS5086 Datasheet HTML 21Page - Texas Instruments TAS5086 Datasheet HTML 22Page - Texas Instruments TAS5086 Datasheet HTML 23Page - Texas Instruments TAS5086 Datasheet HTML 24Page - Texas Instruments TAS5086 Datasheet HTML 25Page - Texas Instruments TAS5086 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
www.ti.com
VOLUME CONTROL REGISTER (0x0E)
MODULATION LIMIT REGISTER (0x10)
PWM START REGISTER (0X18)
TAS5086
SLES131 – FEBRUARY 2005
Bit D7: Reserved = 1
Bit D6: If 0 then Biquad 1 (BQ1) Volume Compensation part only is disabled (default)
If 1 then BQ1 Volume Compensation is enabled
Bit D5: If 0 Disable 38-kHz detection (38 kHz should be set manually by micro)
If 1 Enable 38-kHz detection
Bit D4: Reserved = 1
Bit D3: Not Used
Bit D2–D0: Volume slew rate
Table 9. Volume Control Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
Reserved (Must be 1)
–
0
–
–
–
–
–
–
Disable Biquad Volume Compensation
–
1
–
–
–
–
–
–
Enable Biquad Volume Compensation
–
–
1
–
–
–
–
–
Reserved = 1
–
–
–
1
–
–
–
–
Reserved (Must be 1)
Set modulation limit. See the appropriate power stage data sheet for recommended modulation limits.
Table 10. Modulation Limit Unit
D7
D6
D5
D4
D3
D2
D1
D0
LIMIT
MIN WIDTH
MODULATION
[DCLKs]
[DCLKs]
LIMIT
–
–
–
–
–
0
0
0
1
2
99.2%
–
–
–
–
–
0
0
1
2
4
98.4%
–
–
–
–
–
0
1
0
3
6
97.7%
–
–
–
–
–
0
1
1
4
8
96.9%
–
–
–
–
–
1
0
0
5
10
96.1%
–
–
–
–
–
1
0
1
6
12
95.3%
–
–
–
–
–
1
1
0
7
14
94.5%
–
–
–
–
–
1
1
1
8
16
93.8%
Bit D7 and D6 should always be set to 0.
Bits D5-D0: Define which PWM’s will be used for charging the split caps and which PWM’s should stay low to for
the output stages to be held in hi-Z under split capacitor charging.
For most systems this register is always 0X3F. The setting depends on how the back-end is connected.
Table 11. PWM Start Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved = 0
–
0
–
–
–
–
–
–
Reserved = 0
–
–
1
–
–
–
–
–
Start channel 6 under part 1 of the start
–
–
0
–
–
–
–
–
Start channel 6 under part 2 of the start
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com