Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 15Page - Texas Instruments TAS5086 Datasheet HTML 16Page - Texas Instruments TAS5086 Datasheet HTML 17Page - Texas Instruments TAS5086 Datasheet HTML 18Page - Texas Instruments TAS5086 Datasheet HTML 19Page - Texas Instruments TAS5086 Datasheet HTML 20Page - Texas Instruments TAS5086 Datasheet HTML 21Page - Texas Instruments TAS5086 Datasheet HTML 22Page - Texas Instruments TAS5086 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
www.ti.com
DEVICE ID REGISTER (0X01)
ERROR STATUS REGISTER (0x02)
SYSTEM CONTROL REGISTER 1 (0X03)
TAS5086
SLES131 – FEBRUARY 2005
Table 1. Clock Control Register (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
0
0
0
–
–
MCLK frequency = 64 x Fs(2)
–
–
–
0
0
1
–
–
MCLK frequency = 128 x Fs
–
–
–
0
1
0
–
–
MCLK frequency = 192 x Fs
–
–
–
0
1
1
–
–
MCLK frequency = 256 x Fs
–
–
–
1
0
0
–
–
MCLK frequency = 384 x Fs
–
–
–
1
0
1
–
–
MCLK frequency = 512 x Fs
–
–
–
1
1
0
–
–
Reserved
–
–
–
1
1
1
–
–
Reserved
–
–
–
–
–
–
1
–
Bit clock (SCLK) frequency = 48 x Fs
–
–
–
–
–
–
0
–
Bit clock (SCLK) frequency = 64 x Fs
–
–
–
–
–
–
–
0
Clock not valid (in manual mode only)
–
–
–
–
–
–
–
1
Clock valid iIn manual mode only)
(2)
Rate not available for 32-, 44.1-, 48-, 88.2-, and 96-kHz data rates
The device ID register contains the ID code for the TAS5086.
Table 2. General Status Register (x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
Default
–
0
0
0
0
0
1
1
Identification code for the TAS5086
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software must
clear the register (write zeroes) and then read them to determine if there are any persistent errors.
Table 3. ErrorStatus Register (x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
1
–
–
–
–
–
–
PLL auto lock error
–
–
1
–
–
–
–
–
SCLK error
–
–
–
1
–
–
–
–
LRCLK error
–
–
–
–
1
–
–
–
Frame slip
–
0
0
0
0
0
0
0
No errors
System Control Register 1 has several functions:
Bit D7: If 0 the dc-blocking filter for each channel is disabled
If 1 the dc-blocking filter (-3 dB cutoff < 1 Hz) for each channel is enabled (default)
Bit D6: Not used
Bit D5: If 0 use soft unmute on recovery from clock error. This is a slow recovery.
If 1 use hard unmute on recovery from clock error (default). This is a fast recovery.
Bit D4: If 0 the down mix is output on SDOUT as I2S signal (default)
If 1 SDIN4 is output on SDOUT as I2S signal
Bit D3: If 0 Clock Auto Detect is enabled (default)
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com