Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 20Page - Texas Instruments TAS5086 Datasheet HTML 21Page - Texas Instruments TAS5086 Datasheet HTML 22Page - Texas Instruments TAS5086 Datasheet HTML 23Page - Texas Instruments TAS5086 Datasheet HTML 24Page - Texas Instruments TAS5086 Datasheet HTML 25Page - Texas Instruments TAS5086 Datasheet HTML 26Page - Texas Instruments TAS5086 Datasheet HTML 27Page - Texas Instruments TAS5086 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
www.ti.com
SPLIT CAPACITOR CHARGE PERIOD REGISTER (0x1A)
OSCILLATOR TRIM REGISTER (0x1B)
TAS5086
SLES131 – FEBRUARY 2005
This register should contain the code that closely matches the external single-ended split capacitor charge
period. The TAS5086 waits for this period of time before starting the PWM signals. This helps reduce pops and
clicks. This is only used with the split-cap configuration.
Table 13. Split Capacitor Charge Period Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
0
0
–
–
–
No split capacitor charge period
–
–
–
0
1
0
0
0
13-ms split capacitor charge period
–
–
–
0
1
0
0
1
16.9-ms split capacitor charge period
–
–
–
0
1
0
1
0
23.4-ms split capacitor charge period
–
–
–
0
1
0
1
1
31.2-ms split capacitor charge period
–
–
–
0
1
1
0
0
41.6-ms split capacitor charge period
–
–
–
0
1
1
0
1
54.6-ms split capacitor charge period
–
–
–
0
1
1
1
0
72.8-ms split capacitor charge period
–
–
–
0
1
1
1
1
96.2-ms split capacitor charge period
–
–
–
1
0
0
0
0
130-ms split capacitor charge period
–
–
–
1
0
0
0
1
156-ms split capacitor charge period
–
–
–
1
0
0
1
0
234-ms split capacitor charge period
–
–
–
1
0
0
1
1
312-ms split capacitor charge period
–
–
–
1
0
1
0
0
416-ms split capacitor charge period
–
–
–
1
0
1
0
1
546-ms split capacitor charge period
–
–
–
1
0
1
1
0
728-ms split capacitor charge period
–
–
–
1
0
1
1
1
962-ms split capacitor charge period
–
–
–
1
1
0
0
0
1300-ms split capacitor charge period
–
–
–
1
1
0
0
1
1690-ms split capacitor charge period
–
–
–
1
1
0
1
0
2340-ms split capacitor charge period
–
–
–
1
1
0
1
1
3120-ms split capacitor charge period
–
–
–
1
1
1
0
0
4160-ms split capacitor charge period
–
–
–
1
1
1
0
1
5460-ms split capacitor charge period
–
–
–
1
1
1
1
0
7280-ms split capacitor charge period
–
–
–
1
1
1
1
1
9620-ms split capacitor charge period
The TAS5086 PWM processor contains an internal oscillator for PLL reference. This reduces system cost since
an external reference is not required. Currently, we recommend a trim resistor value of 18.2 k
Ω (1%). This
should be connected between TAS5086 pin 14 (OSC_RES) and pin 12 (DVSS).
There are two procedures available for trimming the internal oscillator. The Field Trim procedure #1
(recommended) requires that the LRCLK frequency be pre-determined whereas the Field Trim procedure #2
does not require that the LRCLK frequency is known.
Note that only one trim procedure should be used. It should always be run following RESET of the TAS5086.
Oscillator Field Trim Procedure #1 (Recommended if LRCLK Frequency is Known):
1. Reset the TAS5086 (power-up or toggle reset pin).
2. Provide a known LRCLK (e.g. 48 kHz)
3. Write LRCLK frequency to register 0x00 (e.g. for 48 kHz write 0x6D to register 0x00)
4. Write data 0x03 to register 0x1B
Oscillator Field Trim Procedure #2 (LRCLK Frequency is Not Known):
1. Reset the TAS5086 (power-up or toggle reset pin).
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com