Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 2Page - Texas Instruments TAS5086 Datasheet HTML 3Page - Texas Instruments TAS5086 Datasheet HTML 4Page - Texas Instruments TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments TAS5086 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ti.com
TAS5086
SLES131 – FEBRUARY 2005
PHYSICAL CHARACTERISTICS (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
5 V
I/O(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NO.
NAME
Power down, active low. PDN powers down all logic and stops all clocks
and performs a soft stop whenever a logic low is applied. The internal
parameters are preserved through a power down cycle, as long as a
10
PDN
DI
5V
Pullup
RESET is not active. The duration for system recovery from power down
is 100 ms. When released the PDN powers up all logic, starts all clocks,
and performs a soft start that returns to the previous configuration.
11
DVDD
P
3.3-V digital power supply
12
DVSS
P
Digital ground
13
DVSS_OSC
P
Digital ground for oscillator
14
OSC_RES 1
AO
Oscillator trim resistor
Voltage reference for analog supply 1.8 V. A pin-out of the internally
regulated 1.8-V power. A 0.1-µF low ESR(3) capacitor should be connec-
15
VR_OSC
P
ted between this terminal and AVSS_PLL. This terminal must not be used
to power external devices.
Performs a soft mute of outputs, active low (muted signal = a logic low,
normal operation = a logic high) The mute control provides a noiseless
16
/MUTE
DI
5V
Pullup
volume ramp to silence. Releasing mute provides a noiseless ramp to
previous volume.
17
SDA
DIO
5V
I2C serial control data interface input/output
18
SCL
DI
5V
I2C serial control clock iInput output
19
LRCLK
DI
5V
Pulldown
Input serial audio data left/right clock (sampling rate clock)
Serial audio data clock (shift clock) SCLKIN is the serial audio port (SAP)
20
SCLK
DIO
5V
Pulldown
input data bit clock that is supplied to the serial bit clock to other I2S bus.
21
RESERVED
RESERVED
Serial audio data 1 output is the only serial data output port. SDOUT
22
SDOUT
DI
supports I2S format only. SDOUT pin is used as input pin for selecting
OSC bypass mode.
Serial audio data 4 input is one of the serial data input ports. SDIN4
23
SDIN4
DI
Pulldown
supports four discrete (stereo) data formats
Serial audio data 3 input is one of the serial data input ports. SDIN3
24
SDIN3
DI
Pulldown
supports four discrete (stereo) data formats.
Serial audio data 2 input is one of the serial data input ports. SDIN2
25
SDIN2
DI
Pulldown
supports four discrete (stereo) data formats.
Serial audio data 1 input is one of the serial data input ports. SDIN1
26
SDIN1
DI
Pulldown
supports four discrete (stereo) data formats.
Active low. A backend error sequence is generated by applying logic LOW
27
BKND_ERR
DI
Pullup
to this terminal. The BKND_ERR results in all system parameters
unaffected while VALID2 goes low.
Voltage regulator enable. When enabled – low this input causes the power
28
VREG_EN
P
supply regulators to be enabled.
29
DVSS_ESD
P
ESD pin for digital supply
Voltage reference for digital PWM core supply 1.8 V. A pin-out of the
internally regulated 1.8-V power used by digital PWM core logic. A 0.1-µF
30
VR_DIG
P
low ESR(4) capacitor should be connected between this terminal and
DVSS_PWM. This terminal must not be used to power external devices
31
VALID2
DIO
Output indicating validity of PWM outputs - active high.
Soft start valid - Output indicating validity of soft start PWM output - active
32
VALID1
DO
high.
(3)
If desired, low ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provide an extended high frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
(4)
If desired, low ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provide an extended high frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com