Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments TAS5086 Datasheet HTML 10Page - Texas Instruments TAS5086 Datasheet HTML 11Page - Texas Instruments TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments TAS5086 Datasheet HTML 14Page - Texas Instruments TAS5086 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
SERIAL INTERFACE CONTROL AND TIMING
I
2S TIMING
LRCLK (Note Reversed Phase)
SCLK
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Left Channel
Right Channel
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
LSB
MSB
MSB
LSB
NOTE: All data presented in 2’s complement form with MSB first.
24-Bit Mode
20-Bit Mode
16-Bit Mode
32 clks
32 clks
2-Channel I2S (Phillips Format) Stereo Input
22
21 20
19
18
17 16 15
14
13 12
11
10
9
8
7
6
5
4
3
2
1
0
19 18
17
16
15
14
13
12 11
10
9
8
7
6
5
4
3
2
1
0
22
21 20
19
18
17 16 15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
19
18
17
16 15
14
13 12 11
10
9
8
7
6
5
4
3
2
1
0
LRCLK
SCLK
Left Channel
Right Channel
15 14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13 12 11
10
9
8
7
6
5
4
3
2
1
0
LSB
MSB
MSB
LSB
NOTE: All data presented in 2’s complement form with MSB first.
23
23
24 clks
24 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
2-Channel I2S (Phillips Format) Stereo Input (24-Bit Transfer Word Size)
LEFT JUSTIFIED
TAS5086
SLES131 – FEBRUARY 2005
I
2S timing uses an LRCLK to define when the data being transmitted is for the left channel and when it is for the
right channel. The LRCLK is low for the left channel and high for the right channel. A bit clock running at 64
× Fs
is used to clock in the data. There is a delay of one bit clock from the time the L/RCLK signal changes state to
the first bit of data on the data lines. The data is written MSB first and is valid on the rising edge of bit clock. The
TAS5086 masks unused trailing data bit positions.
Figure 4. I2S Format 64 Fs Format
Figure 5. I2S 48 Fs Format
Left justified (LJ) timing uses an LRCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. The LRCLK is high for the left channel and low for the right channel. A bit clock
running at 64
× Fs is used to clock in the data. The first bit of data appears on the data lines at the same time the
L/RCLK toggles. The data is written MSB first and is valid on the rising edge of bit clock. The TAS5086 masks
unused trailing data bit positions.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com