Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 17Page - Texas Instruments TAS5086 Datasheet HTML 18Page - Texas Instruments TAS5086 Datasheet HTML 19Page - Texas Instruments TAS5086 Datasheet HTML 20Page - Texas Instruments TAS5086 Datasheet HTML 21Page - Texas Instruments TAS5086 Datasheet HTML 22Page - Texas Instruments TAS5086 Datasheet HTML 23Page - Texas Instruments TAS5086 Datasheet HTML 24Page - Texas Instruments TAS5086 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.ti.com
SYSTEM CONTROL REGISTER 2 (0x05)
SOFT MUTE REGISTER (0x06)
VOLUME REGISTERS (0x07, 0x08, 0x09, 0x0A, 0x0B, 0x0C, 0x0D)
TAS5086
SLES131 – FEBRUARY 2005
Bit D6 is a control bit and bit D5 is a configuration bit.
When bit D6 is set low, the system starts playing, otherwise the outputs are shut down.
Bit D5 defines the configuration of the system, i.e. it determines what configuration the system will be running in
when bit D6 is set low. When this bit is asserted the system is configured to surround meaning all channels are
switching. Otherwise only a subset of the PWM’s will be running corresponding to a 2.0 or 2.1 configuration as
determined surround register (0x19).
Bit D5 should only be changed when bit D6 is set, meaning the it is only possible to switch configuration from
surround to 2.1/2.0 by shutting down the system and then restarting it again in the new configuration.
Table 6. System Control Register 2
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
1
X
–
–
–
–
–
All Channels are shut down (hard mute)
–
1
1
–
–
–
–
–
All Channels are shut down (hard mute) VALID1 = 0 and VALID2 = 0
–
0
1
–
–
–
–
–
When D6 is deasserted all channels are started. VALID1 = 1 and VALID2 = 1
–
0
0
–
–
–
–
–
When D6 is deasserted all channels not belonging to Shut Down Group 1 are
started VALID1 = 0 and VALID2 = 1
Table 7. Soft Mute Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
1
Soft Mute Channel 1
–
–
–
–
–
–
1
–
Soft Mute Channel 2
–
–
–
–
–
1
–
–
Soft Mute Channel 3
–
–
–
–
1
–
–
–
Soft Mute Channel 4
–
–
–
1
–
–
–
–
Soft Mute Channel 5
–
–
1
–
–
–
–
–
Soft Mute Channel 6
0
0
0
0
0
0
0
0
Unmute All Channels
Master Volume
– 0x07 (default is mute)
Channel 1 Volume
– 0x08 (default is 0dB)
Channel 2 Volume
– 0x09 (default is 0dB)
Channel 3 Volume
– 0x0A (default is 0dB)
Channel 4 Volume
– 0x0B (default is 0dB)
Channel 5 Volume
– 0x0C (default is 0dB)
Channel 6 Volume
– 0x0D (default is 0dB)
Table 8. Volume Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
+24 dB
0
0
1
1
0
0
0
0
0 dB (Default for Individual Channel Volume)
1
1
1
1
1
1
1
0
–103 dB
1
1
1
1
1
1
1
1
MUTE (Default for Master Volume)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com