Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 10Page - Texas Instruments TAS5086 Datasheet HTML 11Page - Texas Instruments TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments TAS5086 Datasheet HTML 14Page - Texas Instruments TAS5086 Datasheet HTML 15Page - Texas Instruments TAS5086 Datasheet HTML 16Page - Texas Instruments TAS5086 Datasheet HTML 17Page - Texas Instruments TAS5086 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
www.ti.com
GENERAL I
2C OPERATION
SINGLE AND MULTIPLE BYTE TRANSFERS
TAS5086
SLES131 – FEBRUARY 2005
I
2C SERIAL CONTROL INTERFACE (continued)
The I
2C bus employs two signals; SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. Data is transferred on the bus serially one bit at a time. The address and data be transferred in byte
(8-bit) format with the most-significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on the data terminal (SDA) while the clock is high to indicate a start and stop
conditions. A high-to-low transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal
data bit transitions must occur within the low time of the clock period. These conditions are shown in Figure 10.
The master generate the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then wait for an acknowledge condition. The TAS5086 holds SDA low during acknowledge clock
period to indicate an acknowledgement. When this occurs, the master transmits the next byte of the sequence.
Each device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the
same signals via a bidirectional bus using a wired-AND connection. An external pull-up resistor must be used for
the SDA and SCL signals to set the HIGH level for the bus.
Figure 10. Typical I2C Sequence
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the master generates a stop condition to release the bus. A generic data transfer sequence is
shown in Figure 10.
The 7-bit address for the TAS5086 is 0011011.
The serial control interface supports both single byte and multi-byte read/write operations for status registers and
the general control registers associated with the PWM. However, for the DAP data processing registers, the
serial control interface supports only multiple byte (4 byte) read/write operations.
During multiple byte read operations, the TAS5086 responds with data, a byte at a time, starting at the
subaddress assigned, as long as the master device continues to respond with acknowledges. If a particular
subaddress does not contain 32 bits, the unused bits are read as logic 0.
During multiple byte write operations, the TAS5086 compares the number of bytes transmitted to the number of
bytes that are required for each specific sub address. If a write command is received for a biquad subaddress,
the TAS5086 expects to receive five 32-bit words. If fewer than five 32-bit data words have been received when
a stop command (or another start command) is received, the data received is discarded. Similarly, if a write
command is received for a mixer coefficient, the TAS5086 expects to receive one 32-bit word.
Supplying a subaddress for each subaddress transaction is referred to as random I
2C addressing. The TAS5086
also supports sequential I
2C addressing. For write transactions, if a subaddress is issued followed by data for
that subaddress and the fifteen subaddresses that follow, a sequential I
2C write transaction has taken place, and
the data for all 16 subaddresses is successfully received by the TAS5086. For I
2C sequential write transactions,
the subaddress then serves as the start address and the amount of data subsequently transmitted, before a stop
or start is transmitted, determines how many subaddresses are written. As was true for random addressing,
sequential addressing requires that a complete set of data be transmitted. If only a partial set of data is written to
the last subaddress, the data for the last subaddress is discarded. However, all other data written is accepted;
just the incomplete data is discarded.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com