Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 9Page - Texas Instruments TAS5086 Datasheet HTML 10Page - Texas Instruments TAS5086 Datasheet HTML 11Page - Texas Instruments TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments TAS5086 Datasheet HTML 14Page - Texas Instruments TAS5086 Datasheet HTML 15Page - Texas Instruments TAS5086 Datasheet HTML 16Page - Texas Instruments TAS5086 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
LRCLK
SCLK
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
20 bit Mode
24 Bit Mode
Left Channel
Right Channel
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
16 Bit Mode
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
LSB
MSB
MSB
LSB
NOTE: All data presented in 2’s complement form with MSB first.
32 clks
32 clks
2-Channel Right-Justified (Sony Format) Stereo Input
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
LRCLK
SCLK
20 Bit Mode
24 Bit Mode
Left Channel
Right Channel
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
16 Bit Mode
LSB
MSB
MSB
LSB
NOTE: All data presented in 2’s complement form with MSB first.
24 clks
24 clks
2-Channel Right-Justified Stereo Input/Output (24-Bit Transfer Word Size)
I
2C SERIAL CONTROL INTERFACE
TAS5086
SLES131 – FEBRUARY 2005
SERIAL INTERFACE CONTROL AND TIMING (continued)
Figure 8. Right Justified 64 Fs Format
Figure 9. Right Justified 48 Fs Bit Format
The TAS5086 has a bidirectional I
2C interface that compatible with the I2C (Inter IC) bus protocol and supports
both 100 KBPS and 400 KBPS data transfer rates for single and multiple byte write and read operations. The
control interface is used to program the registers of the device and to read device status.
The TAS5086 supports wait state insertions by other I
2C devices on the bus. However, the TAS5086 perform all
I
2C operations without I2C wait cycles.
The TAS5086 supports the standard-mode I
2C bus operation (100 kHz maximum) and the fast I2C bus operation
(400 kHz maximum).
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com