Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 23Page - Texas Instruments TAS5086 Datasheet HTML 24Page - Texas Instruments TAS5086 Datasheet HTML 25Page - Texas Instruments TAS5086 Datasheet HTML 26Page - Texas Instruments TAS5086 Datasheet HTML 27Page - Texas Instruments TAS5086 Datasheet HTML 28Page - Texas Instruments TAS5086 Datasheet HTML 29Page - Texas Instruments TAS5086 Datasheet HTML 30Page - Texas Instruments TAS5086 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
www.ti.com
DOWNMIX INPUT MULTIPLEXER REGISTER (0x21)
TAS5086
SLES131 – FEBRUARY 2005
Bits D31-D16: Unused
Bits D15-D13: For this description, see Figure 2
Bit D12: If 1, selects downmix data L’ to TAS5086 internal channel 1
If 0, selects channel 1 data (from Input Mux 1) to the TAS5086 internal channel 1
Bit D11: If 1, selects downmix data R’ to the TAS5086 internal channel 2
If 0, selects channel 2 data (from Input Mux 2) to the TAS5086 internal channel 2
Bit D10: If 1, selects downmix data (L’+R’)/2 to the TAS5086 internal channel 5
If 0, selects channel 5 data (from Input Mux 5) to the TAS5086 internal channel 5
Bits D9-D8: Selects either channel 6 data (from Input Mux 6) or channel 6 data that has been processed
through Bass Management block or downmix data (L’+R’)/2 to the TAS5086 internal channel 6
Bits D7-D5: Unused.
Bit D4: If 1, enable data from Input Mux 5 to Downmix Block
If 0, disable data from Input Mux 5 to Downmix Block
Bit D3: If 1, enable data from Input Mux 4 to Downmix Block
If 0, disable data from Input Mux 4 to Downmix Block
Bit D2: If 1, enable data from Input Mux 3 to Downmix Block
If 0, disable data from Input Mux 3 to Downmix Block
Bit D1: If 1, enable data from Input Mux 2 to Downmix Block
If 0, disable data from Input Mux 2 to Downmix Block
Bit D0: If 1, enable data from Input Mux 1 to Downmix Block
If 0, disable data from Input Mux 1 to Downmix Block
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com