Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
28
Preliminary
Version: DM9801-DS-P02
March 20, 2000
Auto-negotiation Expansion Register (ANER) - Register 6
Bit
Bit Name
Default
Description
6.15-6.5
Reserved
0, RO
Reserved:
Write as 0, ignore on read
6.4
PDF
0, RO/P
Local Device Parallel Detection Fault:
PDF=1: A fault detected via parallel detection function.
PDF=0: No fault detected via parallel detection function
DM9801 does not support this function, so this bit is always 0.
6.3
LP_NP_ABLE
0, RO/P
Link Partner Next Page Able:
LP_NP_ABLE=1: Link partner, next page available
LP_NP_ABLE=0: Link partner, no next page
DM9801 does not support this function, so this bit is always 0.
6.2
NP_ABLE
0,RO/P
Local Device Next Page Able:
NP_ABLE=1: DM9801, next page available
NP_ABLE=0: DM9801, no next page
DM9801 does not support this function, so this bit is always 0.
6.1
PAGE_RX
0, RO/P
New Page Received:
A new link code word page received. This bit will be
automatically cleared when the register (Register 6) is read by
management.
DM9801 does not support this function, so this bit is always 0.
6.0
LP_AN_ABLE
0, RO/P
Link Partner Auto-negotiation Able:
LP_AN_ABLE=1 indicates that the link partner supports Auto-
negotiation.
DM9801 does not support this function, so this bit is always 0.
Control Register - Register 16
Bit
Bit Name
Default
Description
16.15
IG_RMT_CMDS
0,RW
Ignore Remote Commands:
1=Remote commands are ignored
0=Remote commands will be accepted from any node in the
network. The value of the CMDENA pin is latched into this bit at
power-up/reset.
16.14
AVG_PEAK_RL
0,RW
Average Peak Rule:
1= Average peak with measured noise instead of noise + 25%
0= Normal operation
16.13
EN_SHORT_CD
0,RW
Enable Short CD:
1= Enable short CD noise rule
Do not count bad SYNC if CD is longer than 160uS
0= Normal operation
16.12
DIS_INC_NOISE
0,RW
Disable Increment of Noise:
1= Disable 25% increase of noise slice when in a packet
0= Normal operation
16.11
CMD_LO_PWR
0,RW
Command Low Power:
1= Transmit power is set to low
0= Normal operation
Remote commands will be issued if this bit is set
16.10
CMD_HI_PWR
0,RW
Command High Power:
1= Transmit power is set to high
0= Normal operation
Remote commands will be issued if this bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com