Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
52
Preliminary
Version: DM9801-DS-P02
March 20, 2000
AC Electrical Characteristics (Over full range of operating condition unless specified otherwise)
Analog Transmitter Timing Diagram
HN+/-
tPW
tPWL
tPWH
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Transmitter (Analog)
tPW
Pulse Width
133
ns
tPWH
Pulse Width High
67
ns
tPWL
Pulse Width Low
67
ns
tPWH
OSC Pulse Width High
25
ns
tPWL
OSC Pulse Width Low
25
ns
MII (Media-Independent Interface) Clock Timing
Idle (excluding IFG time)
tPWH
TX_CLK/RX_CLK Pulse Width
High
1168
ns
tPWL
TX_CLK/RX_CLK Pulse Width
Low
1165
ns
Preamble (first 64 bits of TX MAC frame)
tTPWH
TX_CLK Pulse Width High
468
ns
tTPWL
TX_CLK Pulse Width Low
466
ns
tRPWH
RX_CLK Pulse Width High
-
ns
tRPWL
RX_CLK Pulse Width Low
-
ns
Data (throughout the data phase)
tPWH
TX_CLK/RX_CLK Pulse Width
High
468
ns
3us
5.6us
tPWL
TX_CLK/RX_CLK Pulse Width
Low
466
ns
3us
23us
IFG (88 bit times following CRS falling edge)
tPWH
TX_CLK/RX_CLK Pulse Width
High
468
ns
tPWL
TX_CLK/RX_CLK Pulse Width
Low
466
ns
Notes: 1) During AID interval, RX_CLK and TX_CLK stop for up to 140 us.
2) During Preamble state, RX_CLK stays at Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com