Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
9
Version: DM9801-DS-P02
March 20, 2000
Pin Description (Continued)
Pin No.
Pin Name
I/O
Description
Miscellaneous:
7
LNKSTA
I/O,Z
Link Status:
Output, positive true logic. Indication of Link Status.
45
XTAL1
ALG
Crystal Pin 1:
This pin should be connected to one side of a 20MHz (
±50 ppm) crystal.
46
XTAL2
ALG
Crystal Pin 2:
This pin should be connected to the other side of a 20MHz (
±50 ppm)
crystal.
21
BGREF
ALG
Bandgap Voltage Reference:
Connect a 6.20_K
Ω, 1% resistor between this pin and the BGGND pin to
provide an accurate current reference for the DM9801.
22
BGGND
ALG
Bandgap Voltage Reference Return:
Return pin for the 6.20_K
Ω resistor connection.
53
TSTMODE
I
Test Mode Control Pin:
TSTMODE=0: Normal operating mode.
TSTMODE=1: Enable test mode.
1, 2,
3,5,
15 – 18,
20,
23 – 27,
30 - 32,
35, 42,
44,
49 – 52,
54, 56,
69, 70,
73 – 78,
80, 87,
89, 98,
99, 100
NC
No Connect:
These pins are reserved. Leave these pins unconnected (floating).
Power and Ground:
The power (VCC) and ground (GND) pins of the DM9801 are grouped in pairs of two categories - Digital
Circuitry Power/Ground Pairs and Analog Circuitry Power/Ground Pair.
14, 48,
55, 79,
88,
DGND
P
Digital logic ground
4, 71, 72
DVCC
P
Digital logic power supply
28, 29,
38, 39
AGND
P
Analog circuit ground
19, 33,
34, 43
AVCC
P
Analog circuit power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com