Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
29
Version: DM9801-DS-P02
March 20, 2000
Control Register - Register 16 (continued)
Bit
Bit Name
Default
Description
16.9
CMD_LO_SPD
0,RW
Command Low Speed:
1= Transmit speed is set to low
0= Normal operation
Remote commands will be issued if this bit is set
16.8
CMD_HI_SPD
0,RW
Command High Speed:
1= Transmit speed is set to high
0= Normal operation
Remote commands will be issued if this bit is set
16.7
AID_ADR_NEG
0,RW
AID Address Negotiation:
1= Stop AID address negotiation
0= Normal operation
16.6
CLR_NS_EVNT
0,RW
Clear Noise Event Register:
1= Clear the Noise Event Register
0= Normal operation
16.5
SLC_LVL_ADP
0,RW
Slice Level Adaptation:
1= Slice level adaptation is disabled (stopped).
0= Slice level adaptation is enabled
16.4
PWR_DWN
0,RW
Power Down:
Writing a 1 to this bit will cause DM9801 to enter Sleep mode
and power down all circuits except the oscillator and clock
generator circuit. To exit Sleep mode, write 0 to this bit position.
The prior configuration will be retained when the sleep state is
terminated, but the state machine will be reset
16.3
Reserved
0,RW
Reserved:
This bit must be written as 0
16.2
Speed
1, RW
Speed:
1= high speed
0= low speed
This bit indicates the network speed is set to high as selected
by the status of the SPDSEL pin during power-up/reset.
16.1
Power
0, RW
Power:
1= high power
0= low power
This bit indicates the network power is set to high as selected
by the status of the PWRSEL pin during power-up/reset.
16.0
Reserved
1,RW
Reserved:
This bit must be written as 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com