Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
41
Version: DM9801-DS-P02
March 20, 2000
Noise Floor Register - Register 18 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
18.7 -
18.0
NSE_FLOOR
0x07, RW
Noise Floor:
The minimum value of the NOISE_LEVEL measurement.
Noise Ceiling Register - Register 19 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
19.7 -
19.0
NSE_CEILING
0x80, RW
Noise Ceiling:
The maximum value of the NOISE_LEVEL measurement.
Noise Attack Register - Register 20 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
20.7 -
20.0
NSE_ATTACK
0xF4, RW
Noise Attack:
Sets the attack characteristics of the noise algorithm. The high nibble
sets the number of noise events needed to raise the NOISE_LEVEL
immediately, while the low nibble is the number of noise events needed
to raise the NOISE_LEVEL at the end of an 870 msec period.
Noise Events Register - Register 21 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
21.7 -
21.0
NSE_EVENTS
0x00, RW
Noise Events:
An 8 bit counter that records the number of noise events detected.
Overflows are held as 0xFF. This register is cleared by setting bit 6 of
the Control register (CLR_NS_EVNT).
Four Wire Enable Register - Register 22 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
22.7 -
22.2
Reserved
0, RW
Reserved
These bits will always be read as 0.
22.1
DIS_LNK
0, RW
Disable Link:
This bit disables link integrity feature.
22.0
FWENA
0, RW
Four Wire Enable:
When read this bit will indicate the status of FWENA (pin 57) as read
during power up. If the FWENA pin status is 1 on power up, this bit can
be written to change the FWENA status. If the FWENA pin status is 0,
on power up, writes to this bit are ignored.
Aid Address Register - Register 25 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
25.7 -
25.0
AID_ADDRESS
0x00, RW
AID Address:
Unless bit 7 of the Control register is set, the DM9801 is assured to
select a unique AID Address.
Addresses above 0xEF are reserved. Address 0xFF is defined to
indicate a Remote Command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com