Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM9801 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
5
Version: DM9801-DS-P02
March 20, 2000
Pin Description (Continued)
Pin No.
Pin Name
I/O
Description
Station Interface: Receive Data, Transmit Data and Management (Continued)
67
MDIO
Or
SCS#
I/O,Z
MII Serial Management Data (MII Mode, INTFSEL = 0):
Bi-directional management instruction/data signal that may be driven by the
station management entity or the PHY. This pin requires a 1.5K
Ω pull-up
resistor.
Serial Interface Chip Select (GPSI Mode, INTFSEL = 1):
SCS# is a bi-directional management chip select signal that may be driven
by the station management entity or the PHY. (Active low)
97
RXD0
Or
SRXDAT
O,Z
Receive Data Bit 0 (MII Mode, INTFSEL = 0):
Receive data output pin, bit 0, for nibble data to the MII
Serial Receive Data Bit (GPSI Mode, INTFSEL = 1):
Receive data output pin for serial data to the GPSI.
96
RXD1
O,Z
Receive Data Bit 1:
Receive data output pin, bit 1, for nibble data to the
95
RXD2
O,Z
Receive Data Bit 2:
Receive data output pin, bit 2, for nibble data to the MII
94
RXD3
O,Z
Receive Data Bit 3:
Receive data output pin, bit 3, for nibble data to the MII
90
RX_CLK
Or
SRDCLK
O,Z
MII Receive Clock (MII Mode, INTFSEL = 0):
RX_CLK is an output pin from the DM9801. Used as the receive data
reference clock, to clock out nibble data from the MII when in MII interface
mode.
Serial Receive Data Clock (GPSI Mode, INTFSEL = 1):
SRDCLK is an output from the DM9801. Used as the receive reference
clock to clock out the SRXDATA when in GPSI interface mode.
91
RX_DV
Or
SO
O,Z
Receive Data Valid (MII Mode, INTFSEL = 0):
RX_DV is asserted high to indicate that valid data is present on RXD[3:0].
Serial Data Output (GPSI Mode, INTFSEL = 1):
This is the serial data output pin from the DM9801 for the SPI bus. The SPI
bus operation is only valid if GPSI mode is selected.
93
CRS
O,Z
Carrier Sense:
This pin is asserted high to indicate the presence of carrier due to receive
or transmit activities.
92
COL
or
CLSN
O,Z
Collision Detect MII Mode, INTFSEL = 0):
COL is asserted high to indicate detection of collision condition.
Collision Detect (GPSI Mode, INTFSEL = 1):
CLSN is asserted high to indicate detection of collision condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com