Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
36
Preliminary
Version: DM9801-DS-P02
March 20, 2000
SPI Serial Management Control Register - Register 0 (continued) (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
0.0
Reserved
1,RW
Reserved:
This bit must be written as 1
SPI Serial Management Control Register - Register 1 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
1.7
IG_RMT_CMDS
0,RW
Ignore Remote Commands:
1=Remote commands are ignored
0=Remote commands will be accepted from any node in the
network. The value of the CMDENA pin is latched into this bit at
power-up/reset.
1.6
AVG_PEAK_RL
0,RW
Average Peak Rule:
1= Average peak with measured noise instead of noise + 25%
0= Normal operation
1.5
EN_SHORT_CD
0,RW
Enable Short CD:
1= Enable short CD noise rule
Do not count bad SYNC if CD is longer than 160uS
0= Normal operation
1.4
DIS_INC_NOISE
0,RW
Disable Increment of Noise:
1= Disable 25% increase of noise slice when in a packet
0= Normal operation
1.3
CMD_LO_PWR
0,RW
Command Low Power:
1= Transmit power is set to low
0= Normal operation
Remote commands will be issued if this bit is set
1.2
CMD_HI_PWR
0,RW
Command High Power:
1= Transmit power is set to high
0= Normal operation
Remote commands will be issued if this bit is set
1.1
CMD_LO_SPD
0,RW
Command Low Speed:
1= Transmit speed is set to low
0= Normal operation
Remote commands will be issued if this bit is set
1.0
CMD_HI_SPD
0,RW
Command High Speed:
1= Transmit speed is set to high
0= Normal operation
Remote commands will be issued if this bit is set
SPI Serial Management Status Register - Register 2 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
2.7
Reserved
0.RW
Reserved:
Write as 0, ignore on read
2.6
RX_PWR
0, RO
Receive Power:
This bit is an indication of the current receive signal power.
1= The receive signal power is high.
0= The receive signal power is low.
2.5
RX_SPD
0, RO
Receive Speed:
This bit is an indication of the current receive speed.
1= The receive speed is high.
0= The receive speed is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com