Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
7
Version: DM9801-DS-P02
March 20, 2000
Pin Description (Continued)
Pin No.
Pin Name
I/O
Description
Configuration and Control Interface:
64
RESET#
I
Reset:
Active Low input that initializes the DM9801. Should remain low for 10ms
after VCC has stabilized at 3.3Vdc (nominal) before it transitions high.
63
62
CONFIG0
CONFIG1
I
Configuration Select 1:0:
These input pins select the DM9801 configuration from a reset condition.
CONFIG1
CONFIG0
Configuration Selected
0
0
TXLED, RXLED and COLLED
configuration *
0
1
ACTLED, LNKLED and COLLED
configuration *
1
0
ACTLED, LNKLED and COLLED
configuration with MII Management
Register 0-6 emulation support *
1
1
ACTLED, LNKLED and COLLED
Configuration with MII Management
Register 0-6 emulation and 32 PHY
addresses support
*see the DM9801 description for a more detailed explanation
61
INTFSEL
I
Interface Select:
This pin selects either the MII interface or the GPSI interface.
0 = MII
1 = GPSI
60
CMDENA
I
Command Enable:
This pin enables a remote master node to alter the management register
values of the local DM9801.
59
SPDSEL
I
Speed Select:
This pin will select the 1M network speed.
0 = Low Speed
1 = High Speed
58
PWRSEL
I
Power Select:
This pin will select the 1M network power.
0 = Low Power
1 = High Power
65
TRIDRV
I
Tri-state all Outputs:
This pin, when asserted high, will tri-state all outputs (no effect on open-
drain outputs).
57
FWENA
I
Four Wire Interface Enable:
This pin, when asserted high, will enable the HNPB and HNNB driver pair
for operation. When low, the secondary drivers are powered down.
6
INT#
OD
Interrupt Request:
This pin will be asserted low when an interrupt condition exists in the
DM9801.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com