Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
48
Preliminary
Version: DM9801-DS-P02
March 20, 2000
Data Receive Timing
The incoming waveform is formed from the transmitted
pulse along with any distortions and reflections that occur
in the wiring network. The receiver detects the point at
which the envelope of the received waveform crosses a
set threshold as described in the Receiver Functions
section.
Immediately after the receive threshold crossing, the
receiver disables any further detection for a period of
END_DATA_BLANK = PULSE_POSITION_0 - (minus) 3
TICs, starting with the detection of the pulse peak.
The receiver is then re-enabled for pulse detection and,
upon reception of the next pulse measures the elapsed
time (RX_PULSE_INTERVAL) from the previous pulse.
The value is then placed in the nearest pulse position bin
(one of 25), where pulse position 0 is at
PULSE_POSITION_0, and each subsequent position is
spaced 1 TIC from the previous one as defined in the Data
Transmit Timing section. Data symbols are therefore
variable and depend on the encoded data.
Receive Symbol Timing
Figure 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com