Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
33
Version: DM9801-DS-P02
March 20, 2000
Noise Control B Register - Register 26
Bit
Bit Name
Default
Description
26.15 -
26.8
NSE_EVENTS
0x00, RW
Noise Events:
An 8 bit counter that records the number of noise events detected.
Overflows are held as 0xFF. This register is cleared by setting bit 6 of
the Control register (CLR_NS_EVNT).
26.7 -
26.0
NSE_ATTACK
0xF4, RW
Noise Attack:
Sets the attack characteristics of the noise algorithm. The high nibble
sets the number of noise events needed to raise the NOISE_LEVEL
immediately, while the low nibble is the number of noise events needed
to raise the NOISE_LEVEL at the end of an 870 msec period.
Aid Address Register - Register 27
Bit
Bit Name
Default
Description
27.15 -
27.2
Reserved
0, RW
Reserved:
These bits will always be read as 0.
27.1
DIS_LNK
0, RW
Disable Link:
This bit disables link integrity feature.
27.0
FWENA
0, RW
Four Wire Enable:
When read this bit will indicate the status of FWENA (pin 57) as read
during power up. If the FWENA pin status is 1 on power up, this bit can
be written to change the FWENA status. If the FWENA pin status is 0
on power up, writes to this bit are ignored.
Aid Address Register - Register 28
Bit
Bit Name
Default
Description
28.15 -
28.8
Reserved
0x00, RW
Reserved:
These bits will always be read as 0.
28.7 -
28.0
AID_ADDRESS
0x00, RW
AID Address:
Unless bit 7 of the Control register is set, the DM9801 is assured to
select a unique AID Address.
Addresses above 0xEF are reserved. Address 0xFF is defined to
indicate a Remote Command.
Aid Control Register - Register 29
Bit
Bit Name
Default
Description
29.15 -
29.8
AID_ISBI
0x40, RW
AID Inter Symbol Blanking Interval:
This value defines the number of TCLKs (116.7ns) between AID
pulses for symbol 0.
29.7 -
29.0
AID_INTERVAL
0x14, RW
AID Interval:
This value defines the number of TCLKs (116.7ns) separating AID
symbols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com