Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM9801 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
4
Preliminary
Version: DM9801-DS-P02
March 20, 2000
Pin Description
Pin No.
Pin Name
I/O
Description
Station Interface: Receive Data, Transmit Data and Management
85
TXD0
or
STXDAT
I
Transmit Data Bit 0 (MII Mode, INTFSEL = 0):
Transmit data input pin, bit 0, for nibble data from the MII
Serial Transmit Data Bit (GPSI Mode, INTFSEL = 1):
Transmit data input pin for serial data from the GPSI.
84
TXD1
or
BP1
I
Transmit Data Bit 1 (MII Mode, INTFSEL = 0):
Transmit data input pin, bit 1, for nibble data from the MII
SPROM Boot Page Select 1 (GPSI Mode, INTFSEL = 1):
Most significant bit of a 2-bit encoded select. The BP1 and BP0 inputs, select
one of four, 64-byte, SPROM pages to initialize the DM9801 management
registers. Master mode must be selected using the SMODE input.
83
TXD2
or
SI
I
Transmit Data Bit 2 (MII Mode, INTFSEL = 0):
Transmit data input pin, bit 2, for nibble data from the MII
Serial Data Input (GPSI Mode, INTFSEL = 1):
This is the serial data input pin to the DM9801 for the SPI bus. The SPI bus
operation is only valid if GPSI mode is selected.
82
TXD3
or
SMODE
I
Transmit Data Bit 3 (MII Mode, INTFSEL = 0):
Transmit data input pin, bit 3, for nibble data from the MII
Serial Mode Select (GPSI Mode, INTFSEL = 1):
This input pin selects the SPI buses mode of operation. The SPI bus modes
of operation are:
Master Mode (SMODE = 0)
Slave Mode (SMODE = 1)
The SPI bus operation is only valid if GPSI mode is selected.
86
TX_CLK
or
STDCLK
O,Z
MII Transmit Clock (MII Mode, INTFSEL = 0):
TX_CLK is an output pin from the DM9801. Used as the transmit data
reference clock, to clock in nibble data from the MII when in MII interface
mode.
Serial Transmit Data Clock (GPSI Mode, INTFSEL = 1):
STDCLK is an output from the DM9801. Used as the transmit reference clock
to clock in the STXDATA when in GPSI interface mode.
81
TX_EN
or
STXEN
I
MII Transmit Enable (MII Mode, INTFSEL = 0):
MII Transmit enable input, used to enable the transmit function of the MII
when in MII interface mode.
Serial Transmit Enable (GPSI Mode, INTFSEL = 1):
Used to enable the transmit function of the GPSI when in GPSI interface
mode.
66
MDC
or
BP0
I
MII Serial Management Clock (MII Mode, INTFSEL = 0):
Synchronous clock to the MDIO management data input/output serial
interface which is asynchronous to transmit and receive clocks. The
maximum clock rate is 2.5MHz.
SPROM Boot Page Select 0 (GPSI Mode, INTFSEL = 1):
Least significant bit of a 2-bit encoded select. The BP1 and BP0 inputs,
select one of four, 64-byte, SPROM pages to initialize the DM9801
management registers. Master mode must be selected using the SMODE
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com