Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
51
Version: DM9801-DS-P02
March 20, 2000
Absolute Maximum Ratings*
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
TA
Ambient Temperature Range
0
70
°C
Tc
Case Temperature Range
0
85
°C
@ TA = 70°C
Tstg
Storage Temperature Rang (Tstg)
-40
+125
°C
PD
Power Dissipation (PD)
---
0.43
W
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
235
°C
ESD
ESD rating (Rzap=1.5K,Czap=100pF)
---
2000
V
Comments
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Power Consumption:
Symbol
Parameter
Min.
Max.
Unit
Conditions
High Power, 2 drivers
125
mA
3.3V
High Power, 1 driver
70
mA
3.3V
Low Power, 2 drivers
70
mA
3.3V
PD
Low Power, 1 driver
45
mA
3.3V
DC Electrical Characteristics (VCC = 3.3Vdc, ±5%, TA =25°C, unless specified otherwise)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TTL Inputs
VIL
Input Low Voltage
0.8
V
IIL = -400uA
VIH
Input High Voltage
2.0
V
IIH = 100uA
IIL
Input Low Current
10
uA
VIN = 0.4V
IIH
Input High Current
-10
uA
VIN = 2.7V
MII/GPSI TTL Outputs
VOL
Output Low Voltage
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
V
IOH = -4mA
LED Outputs
VOL
Output Low Voltage
0.4
V
IOL = 1mA
VOH
Output High Voltage
2.4
V
IOH = -0.1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com