Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
56
Preliminary
Version: DM9801-DS-P02
March 20, 2000
GPSI-1M Receive Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tRXs
SRXDAT Setup To SRDCLK
High
10
ns
tRXh
SRXDAT Hold From SRDCLK
High
10
ns
tRXpd
HN+/- In To SRXDAT Out (Rx
Latency)
143.8
us
t1
CRS Asserted To SRXDAT
142.3
us
t2
CRS De-asserted To SRXDAT
233
ns
t3
HN+/- In To CRS Asserted
458.5
ns
t4
HN+/- Quiet To CRS De-asserted
17.7
us
MDIO Timing when OUTPUT by STA
MDC
t1
MDIO
10ns
(Min)
t2
10ns
(Min)
MDIO Timing when OUTPUT by DM9801
MDC
t3
MDIO
0 - 300 ns
MII Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
t1
MDIO Setup Before MDC
10
-
-
ns
When OUTPUT By STA
t2
MDIO Hold After MDC
10
-
-
ns
When OUTPUT By STA
t3
MDC To MDIO Output Delay
0
-
100
ns
When OUTPTU By
DM9801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com