Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
6
Preliminary
Version: DM9801-DS-P02
March 20, 2000
Pin Description (Continued)
PHY Address Interface:
PHYAD[4:0] provides up to 32 unique PHY address. An address selection of all zeros (00000) will result in a
PHY isolation condition. See the isolate bit description in the BMCR, address 00.
68
PHYADSEL
(PHYAD0)
Or
SCLK
I/O,Z
MII Serial Management PHY Address Select (MII Mode, INTFSEL = 0):
PHYADSEL is an input signal that selects one of two PHY addresses within
the 32 address range for the DM9801 MII management interface when both
CONFIG1 and CONFIG0 are not set to 1.
0 = 0x01 address
1 = 0x1F address
PHY Address 0 (MII Mode, INTFSEL = 0):
PHY address bit 0 for multiple PHY address applications. Both CONFIG1
and CONFIG0 must be set to 1.
Serial Interface Clock (GPSI Mode, INTFSEL = 1):
SCLK is a bi-directional clock signal used to synchronize SI, SO and SCS#
to and from the DM9801 SPI bus.
8
PHYAD1
I/O,
Z
PHY Address 1 (MII Mode, INTFSEL = 0):
PHY address bit 1 for multiple PHY address applications. Both CONFIG1
and CONFIG0 must be set to 1. Leave unconnected when both CONFIG1
and CONFIG0 are not 1.
9
PHYAD2
I/O,
Z
PHY Address 2 (MII Mode, INTFSEL = 0):
PHY address bit 2 for multiple PHY address applications. Both CONFIG1
and CONFIG0 must be set to 1. Leave unconnected when both CONFIG1
and CONFIG0 are not 1.
10
PHYAD3
I/O,
Z
PHY Address 3 (MII Mode, INTFSEL = 0):
PHY address bit 3 for multiple PHY address applications. Both CONFIG1
and CONFIG0 must be set to 1. Leave unconnected when both CONFIG1
and CONFIG0 are not 1.
47
PHYAD4
I/O,
Z
PHY Address 4 (MII Mode, INTFSEL = 0):
PHY address bit 4 for multiple PHY address applications. Both CONFIG1
and CONFIG0 must be set to 1. Leave unconnected when both CONFIG1
and CONFIG0 are not 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com