Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
38
Preliminary
Version: DM9801-DS-P02
March 20, 2000
IMASKB (Interrupt Mask B) Register - Register 5 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
5.7 – 5.2
Software
Interrupts
0,RW
Software Interrupts:
1= Software interrupts will not activate the INT# pin
0= Software interrupts will activate the INT# pin
5.1
MSK_RX_PCOM
0,RW
Mask RXPCOM Valid:
1= RX_PCOM_VAL will not activate the INT# pin
0= RX_PCOM_VAL will activate the INT# pin
5.0
MSK_TX_PCOM
0,RW
Mask TXPCOM Ready:
1= TX_PCOM_RDY will not activate the INT# pin
0= TX_PCOM_RDY will activate the INT# pin
ISTAT (Interrupt Status A) Register - Register 6 (INTFSEL = 1, GPSI Mode)
This register reports the state of each interrupt source regardless of the state of the IMASK Register.
Bit
Bit Name
Default
Description
6.7 – 6.4
Reserved
0,RW
Reserved:
Write as 0, ignore on read
6.3
PKT_RCVD
0,RW
Packet Received:
When set this bit indicates a packet has been received
6.2
PKT_XMITD
0,RW
Packet Transmitted:
When set this bit indicates a packet has been transmitted
6.1
RMT_CMD_RCV
0,RW
Remote Command Received:
When set this bit indicates a valid remote command has been
received.
6.0
RMT_CMD_SNT
0,RW
Remote Command Sent:
When set this bit indicates a valid remote command has been
sent.
ISTAT (Interrupt Status B) Register - Register 7 (INTFSEL = 1, GPSI Mode)
This register reports the state of each interrupt source regardless of the state of the IMASK Register.
Bit
Bit Name
Default
Description
7.7 – 7.2
Software
Interrupts
0,RW
Software Interrupts:
When set any bit of those registers indicates software interrupt
is on.
7.1
RX_PCOM_VAL
0,RW
RXPCOM Valid:
When set this bit indicates a non-null RX_PCOM has been
received.
Accessing the high byte of the RX_PCOM register clears this
bit.
7.0
TX_PCOM_RDY
0,RW
TXPCOM Ready:
When set this bit indicates a non-null TX_PCOM has been
loaded into the TX_PCOM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com