Electronic Components Datasheet Search
  English  ▼

X  

DM9801 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
34
Preliminary
Version: DM9801-DS-P02
March 20, 2000
Symbol Control Register - Register 30
Bit
Bit Name
Default
Description
30.15 -
30.8
ISBI_FAST
0x1C, RW
Inter Symbol Blanking Interval (High Speed):
This value defines the number of TCLKs (116.7ns) between data
pulses for symbol 0 in High speed
30.7 -
30.0
ISBI_SLOW
0x2C, RW
Inter Symbol Blanking Interval (Low Speed):
This value defines the number of TCLKs (116.7ns) between data
pulses for symbol 0 in low speed
TX Signal Control Register - Register 31
Bit
Bit Name
Default
Description
31.15 -
31.8
TX_PLS_CYCLS
0x44, RW
Transmit Pulse Cycles:
The low nibble of this register indicates the number of pulses on the
HNN pins while the high nibble indicates the number of pulses on the
HNP pins.
31.7 -
31.0
TX_PLS_WIDTH
0x04, RW
Transmit Pulse Width:
This value determines the duration in OSC cycles (16.7 ns) that a
transmit pulse lasts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com