Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 271 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 271 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 267Page - Infineon Technologies AG C161 Datasheet HTML 268Page - Infineon Technologies AG C161 Datasheet HTML 269Page - Infineon Technologies AG C161 Datasheet HTML 270Page - Infineon Technologies AG C161 Datasheet HTML 271Page - Infineon Technologies AG C161 Datasheet HTML 272Page - Infineon Technologies AG C161 Datasheet HTML 273Page - Infineon Technologies AG C161 Datasheet HTML 274Page - Infineon Technologies AG C161 Datasheet HTML 275Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 400 page
background image
&3,
7KH5HDO 7LPH &ORFN
User’s Manual
14-3
1999-08
RTC Register Access
The actual value of the RTC is represented by the 3 registers T14, RTCL and RTCH. As
these registers are concatenated to build the RTC counter chain, internal overflows
occur while the RTC is running. When reading or writing the RTC value make sure to
account for such internal overflows in order to avoid reading/writing corrupted values.
When reading/writing e.g. 0000
H to RTCH and then accessing RTCL will produce a
corrupted value as RTCL may overflow before it can be accessed. In this case, however,
RTCH would be 0001
H. The same precautions must be taken for T14 and T14REL.
RTC Interrupt Generation
The RTC interrupt shares the XPER3 interrupt node with the PLL/OWD interrupt
(if available). This is controlled by the interrupt subnode control register ISNC. The
interrupt handler can determine the source of an interrupt request via the separate
interrupt request and enable flags (see figure below) provided in register ISNC.
Note: If only one source is enabled no additional software check is required, of course.
Figure 14-3
RTC Interrupt Logic
If T14 interrupts are to be used both stages, the interrupt node (XP3IE=’1’) and the RTC
subnode (RTCIE=’1’) must be enabled.
Please note that the node request bit XP3IR is automatically cleared when the interrupt
handler is vectored to, while the subnode request bit RTCIR must be cleared by software.
PLL/OWD
Interrupt
Intr.Request 1)
Intr.Enable 1)
PLLIR
PLLIE
Intr.Request
Intr.Enable
RTCIR
RTCIE
T14
Interrupt
XPER3
Interrupt
Node
Interrupt
Controller
Note: 1) Only available if PLL is implemented
Register XP3IC
Register ISNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com