Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 142 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 142 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 138Page - Infineon Technologies AG C161 Datasheet HTML 139Page - Infineon Technologies AG C161 Datasheet HTML 140Page - Infineon Technologies AG C161 Datasheet HTML 141Page - Infineon Technologies AG C161 Datasheet HTML 142Page - Infineon Technologies AG C161 Datasheet HTML 143Page - Infineon Technologies AG C161 Datasheet HTML 144Page - Infineon Technologies AG C161 Datasheet HTML 145Page - Infineon Technologies AG C161 Datasheet HTML 146Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-16
1999-08
7.6
Port 2
If this 8-bit port is used for general purpose IO, the direction of each line can be
configured via the corresponding direction register DP2. Each port line can be switched
into push/pull or open drain mode via the open drain control register ODP2.
P2
3RUW  'DWD5HJLVWHU
SFR (FFC0
H/E0H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P2
.15
P2
.14
P2
.13
P2
.12
P2
.11
P2
.10
P2
.9
P2
.8
rw
rw
rw
rw
rw
rw
rw
rw
-
-
-
-
-
-
-
-
Bit
Function
P2.y
Port data register P2 bit y
DP2
P2 Direction Ctrl. Register
SFR (FFC2
H/E1H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DP2
.15
DP2
.14
DP2
.13
DP2
.12
DP2
.11
DP2
.10
DP2
.9
DP2
.8
rw
rw
rw
rw
rw
rw
rw
rw
-
-
-
-
-
-
-
-
Bit
Function
DP2.y
Port direction register DP2 bit y
DP2.y = 0: Port line P2.y is an input (high-impedance)
DP2.y = 1: Port line P2.y is an output
ODP2
3 2SHQ 'UDLQ &WUO5HJ
ESFR (F1C2
H/E1H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ODP
2.15
ODP
2.14
ODP
2.13
ODP
2.12
ODP
2.11
ODP
2.10
ODP
2.9
ODP
2.8
rw
rw
rw
rw
rw
rw
rw
rw
-
-
-
-
-
-
-
-
Bit
Function
ODP2.y
Port 2 Open Drain control register bit y
ODP2.y = 0: Port line P2.y output driver in push/pull mode
ODP2.y = 1: Port line P2.y output driver in open drain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com