Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 146 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 146 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 142Page - Infineon Technologies AG C161 Datasheet HTML 143Page - Infineon Technologies AG C161 Datasheet HTML 144Page - Infineon Technologies AG C161 Datasheet HTML 145Page - Infineon Technologies AG C161 Datasheet HTML 146Page - Infineon Technologies AG C161 Datasheet HTML 147Page - Infineon Technologies AG C161 Datasheet HTML 148Page - Infineon Technologies AG C161 Datasheet HTML 149Page - Infineon Technologies AG C161 Datasheet HTML 150Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-20
1999-08
Note: Due to pin limitations register bit P3.14 is not connected to an IO pin.
Pins P3.15 and P3.12 do not support open drain mode.
Pins P3.1 and P3.0 provide open-drain-only drivers.
Alternate Functions of Port 3
The pins of Port 3 serve for various functions which include external timer control lines,
the two serial interfaces, one I
2C Bus interface and the control lines BHE/WRH and
CLKOUT/FOUT.
The table below summarizes the alternate functions of Port 3.
Table 7-3
Alternate Functions of Port 3
Port 3 Pin Alternate Function
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
-
P3.15
SCL0
I2C Bus Clock Line 0
(open drain only)
SDA0
I2C Bus Data Line 0
(open drain only)
CAPIN
GPT2 Capture Input
T3OUT
Timer 3 Toggle Latch Output
T3EUD
Timer 3 External Up/Down Input
T4IN
Timer 4 Count Input
T3IN
Timer 3 Count Input
T2IN
Timer 2 Count Input
MRST
SSC Master Receive / Slave Transmit
MTSR
SSC Master Transmit / Slave Receive
TxD0
ASC0 Transmit Data Output
RxD0
ASC0 Receive Data Input
BHE/WRH
Byte High Enable / Write High Output
SCLK
SSC Shift Clock Input/Output
-
CLKOUT/FOUT System Clock Output / Programmable Frequency Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com