Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 150 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 150 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 146Page - Infineon Technologies AG C161 Datasheet HTML 147Page - Infineon Technologies AG C161 Datasheet HTML 148Page - Infineon Technologies AG C161 Datasheet HTML 149Page - Infineon Technologies AG C161 Datasheet HTML 150Page - Infineon Technologies AG C161 Datasheet HTML 151Page - Infineon Technologies AG C161 Datasheet HTML 152Page - Infineon Technologies AG C161 Datasheet HTML 153Page - Infineon Technologies AG C161 Datasheet HTML 154Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-24
1999-08
7.8
Port 4
If this 7-bit port is used for general purpose IO, the direction of each line can be
configured via the corresponding direction register DP4.
Alternate Functions of Port 4
During external bus cycles that use segmentation (i.e. an address space above 64
KByte) a number of Port 4 pins may output the segment address lines. The number of
pins that is used for segment address output determines the external address space
which is directly accessible. The other pins of Port 4 (if any) may be used for general
purpose IO.
If segment address lines are selected, the alternate function of Port 4 may be necessary
to access e.g. external memory directly after reset. For this reason Port 4 will be switched
to this alternate function automatically.
P4
3RUW  'DWD5HJLVWHU
SFR (FFC8
H/E4H)
Reset Value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0
-
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
Bit
Function
P4.y
Port data register P4 bit y
DP4
P4 Direction Ctrl. Register
SFR (FFCA
H/E5H)
Reset Value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
DP4
.6
DP4
.5
DP4
.4
DP4
.3
DP4
.2
DP4
.1
DP4
.0
-
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
Bit
Function
DP4.y
Port direction register DP4 bit y
DP4.y = 0: Port line P4.y is an input (high-impedance)
DP4.y = 1: Port line P4.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com