Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 154 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 154 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 150Page - Infineon Technologies AG C161 Datasheet HTML 151Page - Infineon Technologies AG C161 Datasheet HTML 152Page - Infineon Technologies AG C161 Datasheet HTML 153Page - Infineon Technologies AG C161 Datasheet HTML 154Page - Infineon Technologies AG C161 Datasheet HTML 155Page - Infineon Technologies AG C161 Datasheet HTML 156Page - Infineon Technologies AG C161 Datasheet HTML 157Page - Infineon Technologies AG C161 Datasheet HTML 158Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-28
1999-08
Figure 7-17
Port 5 IO and Alternate Functions
Port 5 Digital Input Control
Port 5 pins may be used for both digital an analog input. By setting the respective bit in
register P5DIDIS the digital input stage of the respective Port 5 pin can be disconnected
from the pin. This is recommended when the pin is to be used as analog input, as it
reduces the current through the digital input stage and prevents it from toggling while the
(analog) input level is between the digital low and high thresholds. So the consumed
power and the generated noise can be reduced.
After reset all digital input stages are enabled.
P5DIDIS
P5 Dig. Inp. Disable Reg.
SFR (FFA4
H/D2H)
Reset Value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P5D
.3
P5D
.2
P5D
.1
P5D
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
P5D.y
Port P5 Bit y Digital Input Control
0:
Digital input stage connected to port line P5.y
1:
Digital input stage disconnected from port line P5.y
When being read or used as alternate input this line appears as ’1’.
P5.15
P5.14
P5.3
P5.2
P5.1
P5.0
Port 5
AN3
AN2
AN1
AN0
Alternate Function
a)
General Purpose
Input
T2EUD
T4EUD
b)
A/D Converter
Input
Timer Control
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com