Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 157 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 157 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 153Page - Infineon Technologies AG C161 Datasheet HTML 154Page - Infineon Technologies AG C161 Datasheet HTML 155Page - Infineon Technologies AG C161 Datasheet HTML 156Page - Infineon Technologies AG C161 Datasheet HTML 157Page - Infineon Technologies AG C161 Datasheet HTML 158Page - Infineon Technologies AG C161 Datasheet HTML 159Page - Infineon Technologies AG C161 Datasheet HTML 160Page - Infineon Technologies AG C161 Datasheet HTML 161Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-31
1999-08
Alternate Functions of Port 6
A programmable number of chip select signals (CS4...CS0) derived from the bus control
registers (BUSCON4...BUSCON0) can be output on 5 pins of Port 6. The other 3 pins
may be used for I
2C Bus interface lines.
The number of chip select signals is selected via PORT0 during reset. The selected
value can be read from bitfield CSSEL in register RP0H (read only) e.g. in order to check
the configuration during run time.
The table below summarizes the alternate functions of Port 6 depending on the number
of selected chip select lines (coded via bitfield CSSEL).
Figure 7-19
Port 6 IO and Alternate Functions
Table 7-6
Alternate Functions of Port 6
Port 6 Pin Altern. Function
CSSEL = 10
Altern. Function
CSSEL = 01
Altern. Function
CSSEL = 00
Altern. Function
CSSEL = 11
P6.0
P6.1
P6.2
P6.3
P6.4
Gen. purpose IO
Gen. purpose IO
Gen. purpose IO
Gen. purpose IO
Gen. purpose IO
Chip select CS0
Chip select CS1
Gen. purpose IO
Gen. purpose IO
Gen. purpose IO
Chip select CS0
Chip select CS1
Chip select CS2
Gen. purpose IO
Gen. purpose IO
Chip select CS0
Chip select CS1
Chip select CS2
Chip select CS3
Chip select CS4
P6.5
P6.6
P6.7
SDA1
I
2C bus data line 1
SCL1
I
2C bus clock line 1
SDA2
I
2C bus data line 2
-
-
-
-
-
-
-
-
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
Port 6
-
-
-
-
-
-
-
-
SDA2
SCL1
SDA1
CS4
CS3
CS2
CS1
CS0
Alternate Function
a)
General Purpose
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com