Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 155 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 155 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 151Page - Infineon Technologies AG C161 Datasheet HTML 152Page - Infineon Technologies AG C161 Datasheet HTML 153Page - Infineon Technologies AG C161 Datasheet HTML 154Page - Infineon Technologies AG C161 Datasheet HTML 155Page - Infineon Technologies AG C161 Datasheet HTML 156Page - Infineon Technologies AG C161 Datasheet HTML 157Page - Infineon Technologies AG C161 Datasheet HTML 158Page - Infineon Technologies AG C161 Datasheet HTML 159Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-29
1999-08
Port 5 pins have a special port structure (see figure below), first because it is an input
only port, and second because the analog input channels are directly connected to the
pins rather than to the input latches.
Figure 7-18
Block Diagram of a Port 5 Pin
Note: The lines “AltDataIn” and “AnalogInput” do not exist on all Port 5 inputs.
P5.15-14, P5.3-0
Clock
Pin
Input
Latch
Internal Bus
AltDataIn
DigInputEN
ChannelSelect
AnalogInput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com