Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 153 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 153 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 149Page - Infineon Technologies AG C161 Datasheet HTML 150Page - Infineon Technologies AG C161 Datasheet HTML 151Page - Infineon Technologies AG C161 Datasheet HTML 152Page - Infineon Technologies AG C161 Datasheet HTML 153Page - Infineon Technologies AG C161 Datasheet HTML 154Page - Infineon Technologies AG C161 Datasheet HTML 155Page - Infineon Technologies AG C161 Datasheet HTML 156Page - Infineon Technologies AG C161 Datasheet HTML 157Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-27
1999-08
7.9
Port 5
This 6-bit input port can only read data. There is no output latch and no direction register.
Data written to P5 will be lost.
Alternate Functions of Port 5
Four lines of Port 5 are also connected to the input multiplexer of the Analog/Digital
Converter. These port lines can accept analog signals (ANx) that can be converted by
the ADC. For pins that shall be used as analog inputs it is recommended to disable the
digital input stage via register P5DIDIS (see description below). This avoids undesired
cross currents and switching noise while the (analog) input signal level is between VIL
and VIH. Some pins of Port 5 also serve as external GPT timer control lines.
The table below summarizes the alternate functions of Port 5.
P5
3RUW  'DWD 5HJLVWHU
SFR (FFA2
H/D1H)
Reset Value: XXXX
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P5
.15
P5
.14
P5.3 P5.2 P5.1 P5.0
r
r
-
-
-
-
-
-
-
-
-
-
r
r
r
r
Bit
Function
P5.y
Port data register P5 bit y (Read only)
Read as ’1’ if the digital input stage is disabled via P5DIDIS.y = ’1’.
Table 7-5
Alternate Functions of Port 5
Port 5 Pin Alternate Function a)
Alternate Function b)
P5.0
P5.1
P5.2
P5.3
P5.14
P5.15
Analog Input AN0
Analog Input AN1
Analog Input AN2
Analog Input AN3
-
-
-
-
T4EUD Timer 4 ext. Up/Down Input
T2EUD Timer 2 ext. Up/Down Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com