Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 147 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 147 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 143Page - Infineon Technologies AG C161 Datasheet HTML 144Page - Infineon Technologies AG C161 Datasheet HTML 145Page - Infineon Technologies AG C161 Datasheet HTML 146Page - Infineon Technologies AG C161 Datasheet HTML 147Page - Infineon Technologies AG C161 Datasheet HTML 148Page - Infineon Technologies AG C161 Datasheet HTML 149Page - Infineon Technologies AG C161 Datasheet HTML 150Page - Infineon Technologies AG C161 Datasheet HTML 151Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-21
1999-08
Figure 7-12
Port 3 IO and Alternate Functions
The port structure of the Port 3 pins depends on their alt. func. (see figure below).
When the on-chip peripheral associated with a Port 3 pin is configured to use the
alternate input function, it reads the input latch, which represents the state of the pin, via
the line labeled “Alternate Data Input”. Port 3 pins with alternate input functions are:
T2IN, T3IN, T4IN, T3EUD and CAPIN.
When the on-chip peripheral associated with a Port 3 pin is configured to use the
alternate output function, its “Alternate Data Output” line is ANDed with the port output
latch line. When using these alternate functions, the user must set the direction of the
port line to output (DP3.y=1) and must set the port output latch (P3.y=1). Otherwise the
pin is in its high-impedance state (when configured as input) or the pin is stuck at '0'
(when the port output latch is cleared). When the alternate output functions are not used,
the “Alternate Data Output” line is in its inactive state, which is a high level ('1'). Port 3
pins with alternate output functions are:
T3OUT, TxD0 and CLKOUT/FOUT.
When the on-chip peripheral associated with a Port 3 pin is configured to use both the
alternate input and output function, the descriptions above apply to the respective
current operating mode. The direction must be set accordingly. Port 3 pins with alternate
input/output functions are:
SCL0, SDA0, MTSR, MRST, RxD0 and SCLK.
Note: Enabling the CLKOUT function automatically enables the P3.15 output driver.
Setting bit DP3.15=’1’ is not required.
The CLKOUT function is automatically enabled in emulation mode.
Pins P3.0 and P3.1 provide open drain output drivers only in order to be
compatible with the I2C Bus specification.
P3.15
P3.13
P3.12
P3.11
P3.10
P3.9
P3.8
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
Port 3
No Pin
CLKOUT
SCLK
BHE
RxD0
TxD0
MTSR
MRST
T2IN
T3IN
T4IN
T3EUD
T3OUT
CAPIN
SDA0
SCL0
FOUT
WRH
Alternate Function
a)
b)
General Purpose
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com