Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 162 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 162 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 158Page - Infineon Technologies AG C161 Datasheet HTML 159Page - Infineon Technologies AG C161 Datasheet HTML 160Page - Infineon Technologies AG C161 Datasheet HTML 161Page - Infineon Technologies AG C161 Datasheet HTML 162Page - Infineon Technologies AG C161 Datasheet HTML 163Page - Infineon Technologies AG C161 Datasheet HTML 164Page - Infineon Technologies AG C161 Datasheet HTML 165Page - Infineon Technologies AG C161 Datasheet HTML 166Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 400 page
background image
&3,
'HGLFDWHG 3LQV
User’s Manual
8-2
1999-08
The External Read Strobe RD controls the output drivers of external memory or
peripherals when the C161PI reads data from these external devices. During accesses
to on-chip X-Peripherals RD remains inactive (high).
During reset an internal pullup ensures an inactive (high) level on the RD output.
The External Write Strobe WR/WRL controls the data transfer from the C161PI to an
external memory or peripheral device. This pin may either provide an general WR signal
activated for both byte and word write accesses, or specifically control the low byte of an
external 16-bit device (WRL) together with the signal WRH (alternate function of P3.12/
BHE). During accesses to on-chip X-Peripherals WR/WRL remains inactive (high).
During reset an internal pullup ensures an inactive (high) level on the WR/WRL output.
The Ready Input READY receives a control signal from an external memory or
peripheral device that is used to terminate an external bus cycle, provided that this
function is enabled for the current bus cycle. READY may be used as synchronous
READY or may be evaluated asynchronously. When waitstates are defined for a READY
controlled address window the READY input is not evaluated during these waitstates.
An internal pullup ensures an inactive (high) level on the READY input.
The External Access Enable Pin EA determines if the C161PI after reset starts
fetching code from the internal ROM area (EA=’1’) or via the external bus interface
(EA=’0’). Be sure to hold this input low for ROMless devices. At the end of the internal
reset sequence the EA signal is latched together with the PORT0 configuration.
The Non-Maskable Interrupt Input NMI allows to trigger a high priority trap via an
external signal (e.g. a power-fail signal). It also serves to validate the PWRDN instruction
that switches the C161PI into Power-Down mode. The NMI pin is sampled with every
CPU clock cycle to detect transitions.
The Oscillator Input XTAL1 and Output XTAL2 connect the internal Pierce oscillator
to the external crystal. The oscillator provides an inverter and a feedback element. The
standard external oscillator circuitry (see chapter „Clock Generation“) comprises the
crystal, two low end capacitors and series resistor to limit the current through the crystal.
An external clock signal may be fed to the input XTAL1, leaving XTAL2 open or
terminating it for higher input frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com