Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 166 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 166 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 162Page - Infineon Technologies AG C161 Datasheet HTML 163Page - Infineon Technologies AG C161 Datasheet HTML 164Page - Infineon Technologies AG C161 Datasheet HTML 165Page - Infineon Technologies AG C161 Datasheet HTML 166Page - Infineon Technologies AG C161 Datasheet HTML 167Page - Infineon Technologies AG C161 Datasheet HTML 168Page - Infineon Technologies AG C161 Datasheet HTML 169Page - Infineon Technologies AG C161 Datasheet HTML 170Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-2
1999-08
9.1
Single Chip Mode
Single chip mode is entered, when pin EA is high during reset. In this case register
BUSCON0 is initialized with 0000
H, which also resets bit BUSACT0, so no external bus
is enabled.
In single chip mode the C161PI operates only with and out of internal resources. No
external bus is configured and no external peripherals and/or memory can be accessed.
Also no port lines are occupied for the bus interface. When running in single chip mode,
however, external access may be enabled by configuring an external bus under software
control. Single chip mode allows the C161PI to start execution out of the internal
program memory (Mask-ROM, OTP or Flash memory).
Note: Any attempt to access a location in the external memory space in single chip mode
results in the hardware trap ILLBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com