Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 169 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 169 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 165Page - Infineon Technologies AG C161 Datasheet HTML 166Page - Infineon Technologies AG C161 Datasheet HTML 167Page - Infineon Technologies AG C161 Datasheet HTML 168Page - Infineon Technologies AG C161 Datasheet HTML 169Page - Infineon Technologies AG C161 Datasheet HTML 170Page - Infineon Technologies AG C161 Datasheet HTML 171Page - Infineon Technologies AG C161 Datasheet HTML 172Page - Infineon Technologies AG C161 Datasheet HTML 173Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-5
1999-08
Demultiplexed Bus Modes
In the demultiplexed bus modes the 16-bit intra-segment address is permanently output
on PORT1, while the data uses PORT0 (16-bit data) or P0L (8-bit data).
The upper address lines are permanently output on Port 4 (if selected via SALSEL during
reset). No address latches are required.
The EBC initiates an external access by placing an address on the address bus. After a
programmable period of time the EBC activates the respective command signal (RD,
WR, WRL, WRH). Data is driven onto the data bus either by the EBC (for write cycles)
or by the external memory/peripheral (for read cycles). After a period of time, which is
determined by the access time of the memory/peripheral, data become valid.
Read cycles: Input data is latched and the command signal is now deactivated. This
causes the accessed device to remove its data from the data bus which is then tri-stated
again.
Write cycles: The command signal is now deactivated. If a subsequent external bus
cycle is required, the EBC places the respective address on the address bus. The data
remain valid on the bus until the next external bus cycle is started.
Figure 9-3
Demultiplexed Bus Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com