Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 173 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 173 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 169Page - Infineon Technologies AG C161 Datasheet HTML 170Page - Infineon Technologies AG C161 Datasheet HTML 171Page - Infineon Technologies AG C161 Datasheet HTML 172Page - Infineon Technologies AG C161 Datasheet HTML 173Page - Infineon Technologies AG C161 Datasheet HTML 174Page - Infineon Technologies AG C161 Datasheet HTML 175Page - Infineon Technologies AG C161 Datasheet HTML 176Page - Infineon Technologies AG C161 Datasheet HTML 177Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-9
1999-08
Disable/Enable Control for Pin BHE (BYTDIS)
Bit BYTDIS is provided for controlling the active low Byte High Enable (BHE) pin. The
function of the BHE pin is enabled, if the BYTDIS bit contains a ’0’. Otherwise, it is
disabled and the pin can be used as standard IO pin. The BHE pin is implicitly used by
the External Bus Controller to select one of two byte-organized memory chips, which are
connected to the C161PI via a word-wide external data bus. After reset the BHE function
is automatically enabled (BYTDIS = ’0’), if a 16-bit data bus is selected during reset,
otherwise it is disabled (BYTDIS=’1’). It may be disabled, if byte access to 16-bit memory
is not required, and the BHE signal is not used.
Segment Address Generation
During external accesses the EBC generates a (programmable) number of address lines
on Port 4, which extend the 16-bit address output on PORT0 or PORT1 and so increase
the accessible address space. The number of segment address lines is selected during
reset and coded in bit field SALSEL in register RP0H (see table below).
Note: The total accessible address space may be increased by accessing several banks
which are distinguished by individual chip select lines.
If Port 4 is used to output segment address lines, in most cases the drivers must
operate in push/pull mode. Make sure that OPD4 does not select open drain mode
in this case.
Table 9-3
Decoding of Segment Address Lines
SALSEL
Segment Address Lines
Directly accessible Address Space
1 1
Two:
A17...A16
256
KByte (Default without pull-downs)
1 0
Seven:
A22...A16
8
MByte (Maximum)
0 1
None
64
KByte (Minimum)
0 0
Four:
A19...A16
1
MByte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com