Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 176 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 176 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 172Page - Infineon Technologies AG C161 Datasheet HTML 173Page - Infineon Technologies AG C161 Datasheet HTML 174Page - Infineon Technologies AG C161 Datasheet HTML 175Page - Infineon Technologies AG C161 Datasheet HTML 176Page - Infineon Technologies AG C161 Datasheet HTML 177Page - Infineon Technologies AG C161 Datasheet HTML 178Page - Infineon Technologies AG C161 Datasheet HTML 179Page - Infineon Technologies AG C161 Datasheet HTML 180Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-12
1999-08
9.3
Programmable Bus Characteristics
Important timing characteristics of the external bus interface have been made user
programmable to allow to adapt it to a wide range of different external bus and memory
configurations with different types of memories and/or peripherals.
The following parameters of an external bus cycle are programmable:
• ALE Control defines the ALE signal length and the address hold time after its falling edge
• Memory Cycle Time (extendable with 1...15 waitstates) defines the allowable access time
• Memory Tri-State Time (extendable with 1 waitstate) defines the time for a data driver to float
• Read/Write Delay Time defines when a command is activated after the falling edge of ALE
• READY Control defines, if a bus cycle is terminated internally or externally
Note: Internal accesses are executed with maximum speed and therefore are not
programmable.
External accesses use the slowest possible bus cycle after reset. The bus cycle
timing may then be optimized by the initialization software.
Figure 9-5
Programmable External Bus Cycle
ALECTL
MCTC
MTTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com