Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 178 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 178 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 174Page - Infineon Technologies AG C161 Datasheet HTML 175Page - Infineon Technologies AG C161 Datasheet HTML 176Page - Infineon Technologies AG C161 Datasheet HTML 177Page - Infineon Technologies AG C161 Datasheet HTML 178Page - Infineon Technologies AG C161 Datasheet HTML 179Page - Infineon Technologies AG C161 Datasheet HTML 180Page - Infineon Technologies AG C161 Datasheet HTML 181Page - Infineon Technologies AG C161 Datasheet HTML 182Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-14
1999-08
Programmable Memory Cycle Time
The C161PI allows the user to adjust the controller’s external bus cycles to the access
time of the respective memory or peripheral. This access time is the total time required
to move the data to the destination. It represents the period of time during which the
controller’s signals do not change.
Figure 9-7
Memory Cycle Time
The external bus cycles of the C161PI can be extended for a memory or peripheral,
which cannot keep pace with the controller’s maximum speed, by introducing wait states
during the access (see figure above). During these memory cycle time wait states, the
CPU is idle, if this access is required for the execution of the current instruction.
The memory cycle time wait states can be programmed in increments of one CPU clock
(2 TCL) within a range from 0 to 15 (default after reset) via the MCTC fields of the
BUSCON registers. 15-<MCTC> waitstates will be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com