Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 182 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 182 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 178Page - Infineon Technologies AG C161 Datasheet HTML 179Page - Infineon Technologies AG C161 Datasheet HTML 180Page - Infineon Technologies AG C161 Datasheet HTML 181Page - Infineon Technologies AG C161 Datasheet HTML 182Page - Infineon Technologies AG C161 Datasheet HTML 183Page - Infineon Technologies AG C161 Datasheet HTML 184Page - Infineon Technologies AG C161 Datasheet HTML 185Page - Infineon Technologies AG C161 Datasheet HTML 186Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-18
1999-08
The Synchronous READY provides the fastest bus cycles, but requires setup and hold
times to be met. The CLKOUT signal should be enabled and may be used by the
peripheral logic to control the READY timing in this case.
The Asynchronous READY is less restrictive, but requires additional waitstates caused
by the internal synchronization. As the asynchronous READY is sampled earlier (see
figure above) programmed waitstates may be necessary to provide proper bus cycles
(see also notes on “normally-ready” peripherals below).
A READY signal (especially asynchronous READY) that has been activated by an
external device may be deactivated in response to the trailing (rising) edge of the
respective command (RD or WR).
Note: When the READY function is enabled for a specific address window, each bus
cycle within this window must be terminated with an active READY signal.
Otherwise the controller hangs until the next reset. A timeout function is only
provided by the watchdog timer.
Combining the READY function with predefined waitstates is advantageous
in two cases:
Memory components with a fixed access time and peripherals operating with READY
may be grouped into the same address window. The (external) waitstate control logic in
this case would activate READY either upon the memory’s chip select or with the
peripheral’s READY output. After the predefined number of waitstates the C161PI will
check its READY line to determine the end of the bus cycle. For a memory access it will
be low already (see example a) in the figure above), for a peripheral access it may be
delayed (see example b) in the figure above). As memories tend to be faster than
peripherals, there should be no impact on system performance.
When using the READY function with so-called “normally-ready” peripherals, it may lead
to erroneous bus cycles, if the READY line is sampled too early. These peripherals pull
their READY output low, while they are idle. When they are accessed, they deactivate
READY until the bus cycle is complete, then drive it low again. If, however, the peripheral
deactivates READY after the first sample point of the C161PI, the controller samples an
active READY and terminates the current bus cycle, which, of course, is too early. By
inserting predefined waitstates the first READY sample point can be shifted to a time,
where the peripheral has safely controlled the READY line (e.g. after 2 waitstates in the
figure above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com