Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 184 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 184 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 180Page - Infineon Technologies AG C161 Datasheet HTML 181Page - Infineon Technologies AG C161 Datasheet HTML 182Page - Infineon Technologies AG C161 Datasheet HTML 183Page - Infineon Technologies AG C161 Datasheet HTML 184Page - Infineon Technologies AG C161 Datasheet HTML 185Page - Infineon Technologies AG C161 Datasheet HTML 186Page - Infineon Technologies AG C161 Datasheet HTML 187Page - Infineon Technologies AG C161 Datasheet HTML 188Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-20
1999-08
Note: Register SYSCON cannot be changed after execution of the EINIT instruction.
Bit SGTDIS controls the correct stack operation (push/pop of CSP or not) during
traps and interrupts.
The layout of the BUSCON registers and ADDRSEL registers is identical.
Registers BUSCON4...BUSCON1, which control the selected address windows, are
completely under software control, while register BUSCON0, which e.g. is also used for
the very first code access after reset, is partly controlled by hardware, i.e. it is initialized
via PORT0 during the reset sequence. This hardware control allows to define an
appropriate external bus for systems, where no internal program memory is provided.
CSCFG
Chip Select Configuration Control
0:
Latched CS mode. The CS signals are latched internally
and driven to the (enabled) port pins synchronously.
1:
Unlatched CS mode. The CS signals are directly derived from
the address and driven to the (enabled) port pins.
WRCFG
Write Configuration Control (Set according to pin P0H.0 during reset)
0:
Pins WR and BHE retain their normal function
1:
Pin WR acts as WRL, pin BHE acts as WRH
CLKEN
System Clock Output Enable (CLKOUT)
0:
CLKOUT disabled: pin may be used for general purpose IO or
for signal FOUT
1:
CLKOUT enabled: pin outputs the system clock signal
BYTDIS
Disable/Enable Control for Pin BHE (Set according to data bus width)
0:
Pin BHE enabled
1:
Pin BHE disabled, pin may be used for general purpose IO
ROMEN
Internal ROM Enable (Set according to pin EA during reset)
0:
Internal program memory disabled,
accesses to the ROM area use the external bus
1:
Internal program memory enabled
SGTDIS
Segmentation Disable/Enable Control
0:
Segmentation enabled
(CSP is saved/restored during interrupt entry/exit)
1:
Segmentation disabled (Only IP is saved/restored)
ROMS1
Internal ROM Mapping
0:
Internal ROM area mapped to segment 0 (00’0000
H...00’7FFFH)
1:
Internal ROM area mapped to segment 1 (01’0000
H...01’7FFFH)
STKSZ
System Stack Size
Selects the size of the system stack (in the internal RAM)
from 32 to 512 words
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com