Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 187 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 187 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 183Page - Infineon Technologies AG C161 Datasheet HTML 184Page - Infineon Technologies AG C161 Datasheet HTML 185Page - Infineon Technologies AG C161 Datasheet HTML 186Page - Infineon Technologies AG C161 Datasheet HTML 187Page - Infineon Technologies AG C161 Datasheet HTML 188Page - Infineon Technologies AG C161 Datasheet HTML 189Page - Infineon Technologies AG C161 Datasheet HTML 190Page - Infineon Technologies AG C161 Datasheet HTML 191Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-23
1999-08
Note: There is no register ADDRSEL0, as register BUSCON0 controls all external
accesses outside the four address windows of BUSCON4...BUSCON1 within the
complete address space.
ADDRSEL1
Address Select Register 1
SFR (FF18
H/0CH)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RGSAD
RGSZ
rw
rw
ADDRSEL2
Address Select Register 2
SFR (FE1A
H/0DH)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RGSAD
RGSZ
rw
rw
ADDRSEL3
Address Select Register 3
SFR (FE1C
H/0EH)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RGSAD
RGSZ
rw
rw
ADDRSEL4
Address Select Register 4
SFR (FE1E
H/0FH)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RGSAD
RGSZ
rw
rw
Bit
Function
RGSZ
Range Size Selection
Defines the size of the address area controlled by the respective
BUSCONx/ADDRSELx register pair. See table below.
RGSAD
Range Start Address
Defines the upper bits of the start address of the respective address
area. See table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com