Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 191 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 191 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 187Page - Infineon Technologies AG C161 Datasheet HTML 188Page - Infineon Technologies AG C161 Datasheet HTML 189Page - Infineon Technologies AG C161 Datasheet HTML 190Page - Infineon Technologies AG C161 Datasheet HTML 191Page - Infineon Technologies AG C161 Datasheet HTML 192Page - Infineon Technologies AG C161 Datasheet HTML 193Page - Infineon Technologies AG C161 Datasheet HTML 194Page - Infineon Technologies AG C161 Datasheet HTML 195Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-27
1999-08
9.6
EBC Idle State
When the external bus interface is enabled, but no external access is currently executed,
the EBC is idle. As long as only internal resources (from an architecture point of view)
like IRAM, GPRs or SFRs, etc. are used the external bus interface does not change (see
table below).
Accesses to on-chip X-Peripherals are also controlled by the EBC. However, even
though an X-Peripheral appears like an external peripheral to the controller, the
respective accesses do not generate valid external bus cycles.
Due to timing constraints address and write data of an XBUS cycle are reflected on the
external bus interface (see table below). The „address“ mentioned above includes
PORT1, Port 4, BHE and ALE which also pulses for an XBUS cycle. The external CS
signals on Port 6 are driven inactive (high) because the EBC switches to an internal XCS
signal.
The external control signals (RD and WR or WRL/WRH if enabled) remain inactive (high).
Table 9-7
Status Of The External Bus Interface During Ebc Idle State
Pins
Internal accesses only
XBUS accesses
PORT0
Tristated (floating)
Tristated (floating) for read
accesses
XBUS write data for write accesses
PORT1
Last used external address
(if used for the bus interface)
Last used XBUS address
(if used for the bus interface)
Port 4
Last used external segment address
(on selected pins)
Last used XBUS segment address
(on selected pins)
Port 6
Active external CS signal
corresponding to last used address
Inactive (high) for selected CS
signals
BHE
Level corresponding to last external
access
Level corresponding to last XBUS
access
ALE
Inactive (low)
Pulses as defined for X-Peripheral
RD
Inactive (high)
Inactive (high)
WR/WRL
Inactive (high)
Inactive (high)
WRH
Inactive (high)
Inactive (high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com