Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 189 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 189 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 185Page - Infineon Technologies AG C161 Datasheet HTML 186Page - Infineon Technologies AG C161 Datasheet HTML 187Page - Infineon Technologies AG C161 Datasheet HTML 188Page - Infineon Technologies AG C161 Datasheet HTML 189Page - Infineon Technologies AG C161 Datasheet HTML 190Page - Infineon Technologies AG C161 Datasheet HTML 191Page - Infineon Technologies AG C161 Datasheet HTML 192Page - Infineon Technologies AG C161 Datasheet HTML 193Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-25
1999-08
Address Window Arbitration
The address windows that can be defined within the C161PI’s address space may partly
overlap each other. Thus e.g. small areas may be cut out of bigger windows in order to
effectively utilize external resources, especially within segment 0.
For each access the EBC compares the current address with all address select registers
(programmable ADDRSELx and hardwired XADRSx). This comparison is done in four
levels.
Priority 1:The hardwired XADRSx registers are evaluated first. A match with one of
these registers directs the access to the respective X-Peripheral using the
corresponding XBCONx register and ignoring all other ADDRSELx registers.
Priority 2:Registers ADDRSEL2 and ADDRSEL4 are evaluated before ADDRSEL1
and ADDRSEL3, respectively. A match with one of these registers directs
the access to the respective external area using the corresponding BUS-
CONx register and ignoring registers ADDRSEL1/3 (see figure below).
Priority 3:A match with registers ADDRSEL1 or ADDRSEL3 directs the access to the
respective external area using the corresponding BUSCONx register.
Priority 4:If there is no match with any XADRSx or ADDRSELx register the access to
the external bus uses register BUSCON0.
Figure 9-11
Address Window Arbitration
Note: Only the indicated overlaps are defined. All other overlaps lead to erroneous bus
cycles. E.g. ADDRSEL4 may not overlap ADDRSEL2 or ADDRSEL1. The
hardwired XADRSx registers are defined non-overlapping.
Active Window
Inactive Window
BUSCON0
BUSCON1
BUSCON2
XBCON0
BUSCON3
BUSCON4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com