Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 188 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 188 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 184Page - Infineon Technologies AG C161 Datasheet HTML 185Page - Infineon Technologies AG C161 Datasheet HTML 186Page - Infineon Technologies AG C161 Datasheet HTML 187Page - Infineon Technologies AG C161 Datasheet HTML 188Page - Infineon Technologies AG C161 Datasheet HTML 189Page - Infineon Technologies AG C161 Datasheet HTML 190Page - Infineon Technologies AG C161 Datasheet HTML 191Page - Infineon Technologies AG C161 Datasheet HTML 192Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-24
1999-08
Definition of Address Areas
The four register pairs BUSCON4/ADDRSEL4...BUSCON1/ADDRSEL1 allow to define
4 separate address areas within the address space of the C161PI. Within each of these
address areas external accesses can be controlled by one of the four different bus
modes, independent of each other and of the bus mode specified in register BUSCON0.
Each ADDRSELx register in a way cuts out an address window, within which the
parameters in register BUSCONx are used to control external accesses. The range start
address of such a window defines the upper address bits, which are not used within the
address window of the specified size (see table below). For a given window size only
those upper address bits of the start address are used (marked “R”), which are not
implicitly used for addresses inside the window. The lower bits of the start address
(marked “x”) are disregarded.
Table 9-6
Address Window Definition
Bit field RGSZ Resulting Window Size
Relevant Bits (R) of Start Addr. (A12...)
0 0 0 0
0 0 0 1
0 0 1 0
0 0 1 1
0 1 0 0
0 1 0 1
0 1 1 0
0 1 1 1
1 0 0 0
1 0 0 1
1 0 1 0
1 0 1 1
1 1 x x
4 KByte
8 KByte
16 KByte
32 KByte
64 KByte
128 KByte
256 KByte
512 KByte
1 MByte
2 MByte
4 MByte
8 MByte
Reserved.
RRRRRRRRRR RR
RRRRRRRRRR Rx
RRRRRRRRRR x
x
RRRRRRRRRx
x
x
RRRRRRRRx
x
x
x
RRRRRRRx
x
x
x
x
RRRRRR xxxx
xx
RRRRR xxxxx
xx
RRRR xxxxxx
xx
R R R xxxxxxx
xx
R R xxxxxxxx
xx
R xxxxxxxxx
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com